Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL6N2VH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL6N2VH5
Description  N-channel 20 V, 0.025 typ., 6 A STripFET V Power MOSFET in PowerFLAT 2x2 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL6N2VH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL6N2VH5 Datasheet HTML 1Page - STMicroelectronics STL6N2VH5 Datasheet HTML 2Page - STMicroelectronics STL6N2VH5 Datasheet HTML 3Page - STMicroelectronics STL6N2VH5 Datasheet HTML 4Page - STMicroelectronics STL6N2VH5 Datasheet HTML 5Page - STMicroelectronics STL6N2VH5 Datasheet HTML 6Page - STMicroelectronics STL6N2VH5 Datasheet HTML 7Page - STMicroelectronics STL6N2VH5 Datasheet HTML 8Page - STMicroelectronics STL6N2VH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2013
Doc ID 023150 Rev 2
1/12
12
STL6N2VH5
N-channel 20 V, 0.025
Ω typ., 6 A STripFET™ V
Power MOSFET in PowerFLAT™ 2x2 package
Datasheet
−preliminary data
Features
■ Very low switching gate charge
■ Very low thermal resistance
■ Conduction losses reduced
■ Switching losses reduced
■ 2.5 V gate drive
■ Very low threshold device
Applications
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’
STripFET™V technology. The device has been
optimized to achieve very low on-state resistance,
contributing to an FOM that is among the best in
its class.
Figure 1.
Internal schematic diagram
Order code VDSS
RDS(on) max.
ID
PTOT
STL6N2VH5 20 V
0.03
Ω (VGS=4.5 V)
0.04
Ω (VGS=2.5 V)
6 A
2.4 W
PowerFLAT™ 2x2
1
2
3
6
5
4
1
2
3
1(D)
2(D)
3(G)
6(D)
5(D)
4(S)
D
S
AM11269v1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL6N2VH5
STD1
PowerFLAT™ 2x2
Tape and reel
www.st.com


Similar Part No. - STL6N2VH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
STL6NK55Z STMICROELECTRONICS-STL6NK55Z Datasheet
215Kb / 8P
N-CHANNEL 550V - 1.2ohm- 5.2A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Jul-2002
STL6NM60N STMICROELECTRONICS-STL6NM60N Datasheet
280Kb / 12P
N-channel 600 V - 0.85 Ω - 5.75 A - PowerFLAT??(5x5) ultra low gate charge MDmesh™II Power MOSFET
27-Nov-2007
More results

Similar Description - STL6N2VH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
STL120N2VH5 STMICROELECTRONICS-STL120N2VH5 Datasheet
655Kb / 18P
N-channel 20 V, 0.002, 28 A STripFET V Power MOSFET in PowerFLAT 5x6 package
01-Mar-2012
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL7N10F7 STMICROELECTRONICS-STL7N10F7 Datasheet
875Kb / 14P
N-channel 100 V, 0.027 Ω typ., 7 A STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 3.3x3.3 package
29-Apr-2014
STL7N6F7 STMICROELECTRONICS-STL7N6F7 Datasheet
875Kb / 11P
N-channel 60 V, 0.021 (ohm) typ., 7 A STripFET F7 Power MOSFET in a PowerFLAT 2x2 package
27-Aug-2015
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
P-channel 60 V, 0.025 Ω typ., 35 A STripFET™F6 Power MOSFET in a DPAK package
03-Apr-2017
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
21-Oct-2014
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com