Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL6N2VH5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL6N2VH5
Description  N-channel 20 V, 0.025 typ., 6 A STripFET V Power MOSFET in PowerFLAT 2x2 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL6N2VH5 Datasheet(HTML) 5 Page - STMicroelectronics

  STL6N2VH5 Datasheet HTML 1Page - STMicroelectronics STL6N2VH5 Datasheet HTML 2Page - STMicroelectronics STL6N2VH5 Datasheet HTML 3Page - STMicroelectronics STL6N2VH5 Datasheet HTML 4Page - STMicroelectronics STL6N2VH5 Datasheet HTML 5Page - STMicroelectronics STL6N2VH5 Datasheet HTML 6Page - STMicroelectronics STL6N2VH5 Datasheet HTML 7Page - STMicroelectronics STL6N2VH5 Datasheet HTML 8Page - STMicroelectronics STL6N2VH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STL6N2VH5
Electrical characteristics
Doc ID 023150 Rev 2
5/12
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
-
6
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
24
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 6 A, VGS = 0
-
1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 6 A,
di/dt = 100 A/µs,
VDD= 16 V, TJ = 150 °C
-
TBD
TBD
TBD
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com