Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 138 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 138 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 134Page - Microchip Technology DSPIC30F4012 Datasheet HTML 135Page - Microchip Technology DSPIC30F4012 Datasheet HTML 136Page - Microchip Technology DSPIC30F4012 Datasheet HTML 137Page - Microchip Technology DSPIC30F4012 Datasheet HTML 138Page - Microchip Technology DSPIC30F4012 Datasheet HTML 139Page - Microchip Technology DSPIC30F4012 Datasheet HTML 140Page - Microchip Technology DSPIC30F4012 Datasheet HTML 141Page - Microchip Technology DSPIC30F4012 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 136
© 2007 Microchip Technology Inc.
20.4
Programming the Start of the
Conversion Trigger
The conversion trigger terminates acquisition and starts
the requested conversions.
The SSRC<2:0> bits select the source of the
conversion trigger.
The SSRC bits provide for up to 5 alternate sources of
conversion trigger.
When SSRC<2:0> = 000, the conversion trigger is
under software control. Clearing the SAMP bit causes
the conversion trigger.
When SSRC<2:0> = 111 (Auto-Start mode), the con-
version trigger is under A/D clock control. The SAMC
bits select the number of A/D clocks between the start
of acquisition and the start of conversion. This provides
the fastest conversion rates on multiple channels.
SAMC must always be at least 1 clock cycle.
Other trigger sources can come from timer modules,
motor control PWM module or external interrupts.
20.5
Aborting a Conversion
Clearing the ADON bit during a conversion aborts the
current conversion and stops the sampling sequencing.
The ADCBUFx is not updated with the partially com-
pleted A/D conversion sample. That is, the ADCBUFx
will continue to contain the value of the last completed
conversion (or the last value written to the ADCBUFx
register).
If the clearing of the ADON bit coincides with an
auto-start, the clearing has a higher priority.
After the A/D conversion is aborted, a 2 TAD wait is
required before the next sampling may be started by
setting the SAMP bit.
If sequential sampling is specified, the A/D continues at
the next sample pulse, which corresponds with the next
channel converted. If simultaneous sampling is speci-
fied, the A/D continues with the next multichannel
group conversion sequence.
20.6
Selecting the A/D Conversion
Clock
The A/D conversion requires 12 TAD. The source of the
A/D conversion clock is software selected using a 6-bit
counter. There are 64 possible options for TAD.
EQUATION 20-1:
A/D CONVERSION CLOCK
The internal RC oscillator is selected by setting the
ADRC bit.
For correct A/D conversions, the A/D conversion clock
(TAD) must be selected to ensure a minimum TAD time
of 83.33 nsec (for VDD = 5V). Refer to Section 24.0
“Electrical Characteristics” for minimum TAD under
other operating conditions.
Example 20-1 shows a sample calculation for the
ADCS<5:0> bits, assuming a device operating speed
of 30 MIPS.
EXAMPLE 20-1:
A/D CONVERSION CLOCK
CALCULATION
Note:
To operate the ADC at the maximum
specified conversion speed, the auto-
convert trigger option should be selected
(SSRC = 111) and the auto-sample
time
bits should be set to ‘1’ TAD
(SAMC = 00001). This configuration gives
a total conversion period (sample + convert)
of 13 TAD.
The use of any other conversion trigger
results
in
additional
TAD
cycles
to
synchronize the external event to the
ADC.
TAD = TCY * (0.5 * (ADCS<5:0> + 1))
ADCS<5:0> = 2
– 1
TAD
TCY
TAD = 154 nsec
ADCS<5:0> = 2
– 1
TAD
TCY
TCY = 33 nsec (30 MIPS)
= 2 •
– 1
154 nsec
33 nsec
= 8.33
Therefore,
Set ADCS<5:0> = 9
Actual TAD =
(ADCS<5:0> + 1)
TCY
2
=
(9 + 1)
33 nsec
2
= 165 nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com