Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 142 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 142 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 138Page - Microchip Technology DSPIC30F4012 Datasheet HTML 139Page - Microchip Technology DSPIC30F4012 Datasheet HTML 140Page - Microchip Technology DSPIC30F4012 Datasheet HTML 141Page - Microchip Technology DSPIC30F4012 Datasheet HTML 142Page - Microchip Technology DSPIC30F4012 Datasheet HTML 143Page - Microchip Technology DSPIC30F4012 Datasheet HTML 144Page - Microchip Technology DSPIC30F4012 Datasheet HTML 145Page - Microchip Technology DSPIC30F4012 Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 140
© 2007 Microchip Technology Inc.
20.8
A/D Acquisition Requirements
The analog input model of the 10-bit ADC is shown in
Figure 20-3. The total sampling time for the ADC is a
function of the internal amplifier settling time, device
VDD and the holding capacitor charge time.
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the voltage level on the analog input pin. The
source impedance (RS), the interconnect impedance
(RIC) and the internal sampling switch (RSS) impedance
combine to directly affect the time required to charge the
capacitor CHOLD. The combined impedance of the ana-
log sources must therefore be small enough to fully
charge the holding capacitor within the chosen sample
time. To minimize the effects of pin leakage currents on
the accuracy of the ADC, the maximum recommended
source impedance, RS, is 5 k
Ω. After the analog input
channel is selected (changed), this sampling function
must be completed prior to starting the conversion. The
internal holding capacitor will be in a discharged state
prior to each sample operation.
The user must allow at least 1 TAD period of sampling
time, TSAMP, between conversions to allow each sam-
ple to be acquired. This sample time may be controlled
manually in software by setting/clearing the SAMP bit,
or it may be automatically controlled by the ADC. In an
automatic configuration, the user must allow enough
time between conversion triggers so that the minimum
sample time can be satisfied. Refer to Section 24.0
“Electrical Characteristics” for TAD and sample time
requirements.
FIGURE 20-3:
A/D CONVERTER ANALOG INPUT MODEL
CPIN
VA
Rs
ANx
VT = 0.6V
VT = 0.6V
ILEAKAGE
RIC
≤ 250Ω
Sampling
Switch
RSS
CHOLD
= DAC Capacitance
VSS
VDD
= 4.4 pF
±500 nA
Legend: CPIN
VT
I leakage
RIC
RSS
CHOLD
= Input Capacitance
= Threshold Voltage
= Leakage Current at the pin due to
= Interconnect Resistance
= Sampling Switch Resistance
= Sample/Hold Capacitance (from DAC)
various junctions
Note: CPIN value depends on device package and is not tested. Effect of CPIN negligible if Rs
≤ 5 kΩ.
RSS
≤ 3 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com