Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 175 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 175 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 171Page - Microchip Technology DSPIC30F4012 Datasheet HTML 172Page - Microchip Technology DSPIC30F4012 Datasheet HTML 173Page - Microchip Technology DSPIC30F4012 Datasheet HTML 174Page - Microchip Technology DSPIC30F4012 Datasheet HTML 175Page - Microchip Technology DSPIC30F4012 Datasheet HTML 176Page - Microchip Technology DSPIC30F4012 Datasheet HTML 177Page - Microchip Technology DSPIC30F4012 Datasheet HTML 178Page - Microchip Technology DSPIC30F4012 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 236 page
background image
© 2007 Microchip Technology Inc.
Confidential
DS70135E-page 173
dsPIC30F4011/4012
TABLE 24-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Conditions
Operating Current (IDD)(2)
DC31a
2
4
mA
+25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC31b
2
4
mA
+85°C
DC31c
2
4
mA
+125°C
DC31e
3
5
mA
+25°C
5V
DC31f
3
5
mA
+85°C
DC31g
3
5
mA
+125°C
DC30a
4
6
mA
+25°C
3.3V
(1.8 MIPS)
FRC (7.37 MHz)
DC30b
4
6
mA
+85°C
DC30c
4
6
mA
+125°C
DC30e
7
10
mA
+25°C
5V
DC30f
7
10
mA
+85°C
DC30g
7
10
mA
+125°C
DC23a
12
19
mA
+25°C
3.3V
4 MIPS
DC23b
12
19
mA
+85°C
DC23c
13
19
mA
+125°C
DC23e
19
31
mA
+25°C
5V
DC23f
20
31
mA
+85°C
DC23g
20
31
mA
+125°C
DC24a
28
39
mA
+25°C
3.3V
10 MIPS
DC24b
28
39
mA
+85°C
DC24c
29
39
mA
+125°C
DC24e
46
64
mA
+25°C
5V
DC24f
46
64
mA
+85°C
DC24g
47
64
mA
+125°C
DC27a
53
72
mA
+25°C
3.3V
20 MIPS
DC27b
53
72
mA
+85°C
DC27d
87
120
mA
+25°C
5V
DC27e
87
120
mA
+85°C
DC27f
87
120
mA
+125°C
DC29a
124
170
mA
+25°C
5V
30 MIPS
DC29b
125
170
mA
+85°C
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, program memory and data memory
are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com