Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 176 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 176 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 172Page - Microchip Technology DSPIC30F4012 Datasheet HTML 173Page - Microchip Technology DSPIC30F4012 Datasheet HTML 174Page - Microchip Technology DSPIC30F4012 Datasheet HTML 175Page - Microchip Technology DSPIC30F4012 Datasheet HTML 176Page - Microchip Technology DSPIC30F4012 Datasheet HTML 177Page - Microchip Technology DSPIC30F4012 Datasheet HTML 178Page - Microchip Technology DSPIC30F4012 Datasheet HTML 179Page - Microchip Technology DSPIC30F4012 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 174
Confidential
© 2007 Microchip Technology Inc.
TABLE 24-6:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
-40°C
≤ TA ≤ +125°C for Extended
Parameter
No.
Typical(1,2)
Max
Units
Conditions
Operating Current (IDD)(3)
DC51a
1.3
3
mA
+25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC51b
1.3
3
mA
+85°C
DC51c
1.3
3
mA
+125°C
DC51e
2.7
5
mA
+25°C
5V
DC51f
2.7
5
mA
+85°C
DC51g
2.7
5
mA
+125°C
DC50a
4
6
mA
+25°C
3.3V
(1.8 MIPS)
FRC (7.37 MHz)
DC50b
4
6
mA
+85°C
DC50c
4
6
mA
+125°C
DC50e
7
11
mA
+25°C
5V
DC50f
7
11
mA
+85°C
DC50g
7
11
mA
+125°C
DC43a
7
11
mA
+25°C
3.3V
4 MIPS
DC43b
7
11
mA
+85°C
DC43c
7
11
mA
+125°C
DC43e
12
17
mA
+25°C
5V
DC43f
12
17
mA
+85°C
DC43g
12
17
mA
+125°C
DC44a
15
22
mA
+25°C
3.3V
10 MIPS
DC44b
15
22
mA
+85°C
DC44c
16
22
mA
+125°C
DC44e
26
36
mA
+25°C
5V
DC44f
27
36
mA
+85°C
DC44g
27
36
mA
+125°C
DC47a
30
40
mA
+25°C
3.3V
20 MIPS
DC47b
30
40
mA
+85°C
DC47d
50
65
mA
+25°C
5V
DC47e
50
65
mA
+85°C
DC47f
51
65
mA
+125°C
DC49a
72
95
mA
+25°C
5V
30 MIPS
DC49b
73
95
mA
+85°C
Note 1:
Data in “Typical” column is at 5V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Base IIDLE current is measured with core off, clock on and all modules turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com