Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S91 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 18Page - Microchip Technology MCP6S91 Datasheet HTML 19Page - Microchip Technology MCP6S91 Datasheet HTML 20Page - Microchip Technology MCP6S91 Datasheet HTML 21Page - Microchip Technology MCP6S91 Datasheet HTML 22Page - Microchip Technology MCP6S91 Datasheet HTML 23Page - Microchip Technology MCP6S91 Datasheet HTML 24Page - Microchip Technology MCP6S91 Datasheet HTML 25Page - Microchip Technology MCP6S91 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 22
MCP6S91/2/3
5.2
Registers
The analog functions are programmed through the SPI
interface using 16-bit words (see Figure 5-1 and
Figure 5-2). This data is sent to two of three 8-bit regis-
ters: Instruction register (Register 5-1), Gain register
(Register 5-2) and Channel register (Register 5-3).
There are no power-up defaults for these three
registers.
5.2.1
ENSURING VALID DATA IN THE
REGISTERS
After power up, the registers contain random data that
must be initialized. Sending valid gain and channel
selection commands to the internal registers puts valid
data into those registers. Also, the internal state
machine starts in an arbitrary state. Toggling the Chip
Select pin (CS) from high to low, then back to high
again, puts the internal state machine in a known, valid
condition (this can be done by entering any valid
command).
After power-up, and when the power supply voltage
dips below the minimum valid VDD (VDD_VAL), the inter-
nal register data and state machine may need to be
reset. This is accomplished as described before. Use
an external system supervisor to detect these events
so that the microcontroller will reset the PGA state and
registers.
A 0.1 µF bypass capacitor mounted as close as
possible to the VDD pin provides additional transient
immunity.
5.2.2
INSTRUCTION REGISTER
The Instruction register has 3 command bits and 1 indi-
rect address bit; see Register 5-1. The command bits
include a NOP (000) to support daisy-chaining (see
Section 5.3 “Daisy-Chain Configuration”); the other
NOP
commands shown should not be used (they are
reserved for future use). The device is brought out of
Shutdown mode when a valid command, other than
NOP
or Shutdown, is sent and CS is raised.
REGISTER 5-1:
INSTRUCTION REGISTER
W-0
W-0
W-0
U-x
U-x
U-x
U-x
W-0
M2
M1
M0
—
—
—
—A0
bit 7
bit 0
bit 7-5
M2-M0: Command bits
000
=
NOP
(Note 1)
001
=
PGA enters Shutdown mode as soon as a full 16-bit word is sent and CS is raised.
(Notes 1 and 2)
010
=
Write to register.
011
=
NOP
(reserved for future use) (Note 1)
1XX
=
NOP
(reserved for future use) (Note 1)
bit 4-1
Unimplemented: Read as ‘0’ (reserved for future use)
bit 0
A0: Indirect Address bit
1
= Addresses the Channel register
0
= Addresses the Gain register
Note 1:
All other bits in the 16-bit word (including A0) are “don’t cares.”
2:
The device exits Shutdown mode when a valid command (other than NOP or
Shutdown) is sent and CS is raised; that valid command will be executed.
Shutdown does not toggle.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com