Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S91 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6S91 Datasheet HTML 1Page - Microchip Technology MCP6S91 Datasheet HTML 2Page - Microchip Technology MCP6S91 Datasheet HTML 3Page - Microchip Technology MCP6S91 Datasheet HTML 4Page - Microchip Technology MCP6S91 Datasheet HTML 5Page - Microchip Technology MCP6S91 Datasheet HTML 6Page - Microchip Technology MCP6S91 Datasheet HTML 7Page - Microchip Technology MCP6S91 Datasheet HTML 8Page - Microchip Technology MCP6S91 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 5
MCP6S91/2/3
DIGITAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA = 25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF = VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10 kΩ to VDD/2, CL = 60 pF, SI and SCK are tied low and CS is tied high.
Parameters
Sym
Min
Typ
Max
Units
Conditions
SPI Inputs (CS, SI, SCK)
Logic Threshold, Low
VIL
0
—
0.3VDD
V
Input Leakage Current
IIL
-1.0
—
+1.0
µA
Logic Threshold, High
VIH
0.7 VDD
—VDD
V
Amplifier Output Leakage Current
—
-1.0
—
1.0
µA
In Shutdown mode
SPI Output (SO, for MCP6S93)
Logic Threshold, Low
VOL_DIG
VSS
—VSS+0.4
V
IOL = 2.1 mA, VDD = 5V
Logic Threshold, High
VOH_DIG
VDD – 0.5
—
VDD
VIOH = -400 µA
SPI Timing
Pin Capacitance
CPIN
—
10
—
pF
All digital I/O pins
Input Rise/Fall Times (CS, SI, SCK)
tRFI
——
2
µs
(Note 1)
Output Rise/Fall Times (SO)
tRFO
—5
—
ns
MCP6S93
CS High Time
tCSH
40
—
—
ns
SCK Edge to CS Fall Setup Time
tCS0
10
—
—
ns
SCK edge when CS is high
CS Fall to First SCK Edge Setup Time
tCSSC
40
—
—
ns
SCK Frequency
fSCK
——
10
MHz
VDD = 5V (Note 2)
SCK High Time
tHI
40
—
—
ns
SCK Low Time
tLO
40
—
—
ns
SCK Last Edge to CS Rise Setup Time
tSCCS
30
—
—
ns
CS Rise to SCK Edge Setup Time
tCS1
100
—
—
ns
SCK edge when CS is high
SI Setup Time
tSU
40
—
—
ns
SI Hold Time
tHD
10
—
—
ns
SCK to SO Valid Propagation Delay
tDO
—
—
80
ns
MCP6S93
CS Rise to SO Forced to Zero
tSOZ
—
—
80
ns
MCP6S93
Channel and Gain Select Timing
Channel Select Time
tCH
—
1.5
—
µs
CHx = 0.6V, CHy = 0.3V, G = 1,
CHx to CHy select,
CS = 0.7 VDD to VOUT 90% point
Gain Select Time
tG
—
1
—
µs
CHx = CHy = 0.3V,
G = 5 to G = 1 select,
CS = 0.7 VDD to VOUT 90% point
Shutdown Mode Timing
Out of Shutdown mode (CS goes high)
to Amplifier Output Turn-on Time
tON
—3.5
10
µs
CS = 0.7 VDD to VOUT 90% point
Into Shutdown mode (CS goes high) to
Amplifier Output High-Z Turn-off Time
tOFF
—1.5
—
µs
CS = 0.7 VDD to VOUT 90% point
Note
1:
Not tested in production. Set by design and characterization.
2:
When using the device in the daisy-chain configuration, maximum clock frequency is determined by a combination of
propagation delay time (tDO ≤ 80 ns), data input set-up time (tSU ≥ 40 ns), SCK high time (tHI ≥ 40 ns) and SCK rise and
fall times of 5 ns. Maximum fSCK is therefore ≈ 5.8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com