Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S91 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 7Page - Microchip Technology MCP6S91 Datasheet HTML 8Page - Microchip Technology MCP6S91 Datasheet HTML 9Page - Microchip Technology MCP6S91 Datasheet HTML 10Page - Microchip Technology MCP6S91 Datasheet HTML 11Page - Microchip Technology MCP6S91 Datasheet HTML 12Page - Microchip Technology MCP6S91 Datasheet HTML 13Page - Microchip Technology MCP6S91 Datasheet HTML 14Page - Microchip Technology MCP6S91 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 11
MCP6S91/2/3
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF =VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 = 0.3V, RL =10kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-7:
Input Offset Voltage,
VDD =4.0V.
FIGURE 2-8:
Input Offset Voltage
Mismatch.
FIGURE 2-9:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-10:
Input Offset Voltage Drift.
FIGURE 2-11:
Input Offset Voltage vs.
VREF Voltage.
FIGURE 2-12:
Input Noise Voltage Density
vs. Gain.
0%
5%
10%
15%
20%
25%
30%
-3
-2
-1
0
1
2
3
Input Offset Voltage (mV)
600 Samples
G = +1
VDD = 4.0V
0%
5%
10%
15%
20%
25%
30%
35%
Input Offset Voltage Mismatch (µV)
32 Samples
VDD = 5.5V
VIN = 0.3V
σ = 10.0 µV
RMS
Measurement
Repeatability:
10.4 µVRMS
1
10
100
1000
0.1
1
10
100
1000
10000
100000
Frequency (Hz)
1k
10k
100k
1
10
100
0.1
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
24%
Input Offset Voltage Drift (µV/°C)
600 Samples
T
A = -40 to +125°C
G = +1
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VREF Voltage (V)
V
DD = 5.5V
VDD = 2.5V
G = +1
VIN = VREF
0
1
2
3
4
5
6
7
8
9
10
11
12
13
12458
10
16
32
Gain (V/V)
f = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com