Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3306 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3306
Description  30V, 700kHz Synchronous Step-Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3306 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3306 Datasheet HTML 1Page - Monolithic Power Systems MP3306 Datasheet HTML 2Page - Monolithic Power Systems MP3306 Datasheet HTML 3Page - Monolithic Power Systems MP3306 Datasheet HTML 4Page - Monolithic Power Systems MP3306 Datasheet HTML 5Page - Monolithic Power Systems MP3306 Datasheet HTML 6Page - Monolithic Power Systems MP3306 Datasheet HTML 7Page - Monolithic Power Systems MP3306 Datasheet HTML 8Page - Monolithic Power Systems MP3306 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP3306-
--
-30V 700kHz SYNCHRONOUS STEP-UP WHITE LED DRIVER
MP3306 Rev.1.0
www.MonolithicPower.com
5
3/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, VEN=5V, 8 LEDs in series, 20mA, unless otherwise noted.
VSW
10V/di
v.
IINDUC TOR
200mA/di
v.
VOU T
10V/di
v.
Steady State
VIN= 3V
VSW
10V/di
v.
VEN
5V/di
v.
IL
100mA/di
v.
ILED
20mA/di
v.
EN Startup
EN Shutdown
VSW
10V/di
v.
VOUT
10V/di
v.
ILED
20mA/di
v.
VPWM
5V/di
v.
VSW
10V/di
v.
VOUT
5V/di
v.
ILED
10mA/di
v.
VPWM
5V/di
v.
VSW
10V/di
v.
VOU T
10V/di
v.
ILED
20mA/di
v.
VOV P
500mV/di
v.
VSW
10V/di
v.
VOU T
10V/di
v.
IL
500mA/di
v.
IOU T
200mA/di
v.
VSW
10V/di
v.
VOU T
10V/di
v.
IL
100mA/di
v.
ILED
20mA/di
v.
Efficiency
VIN (V)
78
80
82
84
86
88
90
92
94
2
4
6
8
10
12
14
VSW
10V/di
v.
VEN
5V/di
v.
IL
100mA/di
v.
ILED
20mA/di
v.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com