Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3306 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3306
Description  30V, 700kHz Synchronous Step-Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3306 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3306 Datasheet HTML 3Page - Monolithic Power Systems MP3306 Datasheet HTML 4Page - Monolithic Power Systems MP3306 Datasheet HTML 5Page - Monolithic Power Systems MP3306 Datasheet HTML 6Page - Monolithic Power Systems MP3306 Datasheet HTML 7Page - Monolithic Power Systems MP3306 Datasheet HTML 8Page - Monolithic Power Systems MP3306 Datasheet HTML 9Page - Monolithic Power Systems MP3306 Datasheet HTML 10Page - Monolithic Power Systems MP3306 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP3306-
--
-30V 700kHz SYNCHRONOUS STEP-UP WHITE LED DRIVER
MP3306 Rev.1.0
www.MonolithicPower.com
7
3/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP3306 uses a constant frequency, peak
current mode step up regulator architecture to
regulate the current flowing through series string of
white LEDs. The operation of the MP3306 can be
understood by referring to the block diagram of
Figure 1.
At the start of each oscillator cycle the low side FET
(M2) is turned on through the control circuitry. To
prevent sub-harmonic oscillations at duty cycles
greater than 50 percent, a stabilizing ramp is added
to the output of the current sense amplifier and the
result is fed into the positive input of the PWM
comparator. When this voltage equals the output
voltage of the error amplifier the power FET is
turned off. Then the inductor current flows into the
output capacitor and LED load through internal high
side N-channel MOSFET (M3), which forces the
inductor current to decrease.
The voltage at the output of the error amplifier is an
amplified version of the difference between the
200mV reference voltage and the feedback voltage.
In this way the LED current is regulated accurately.
If the feedback voltage starts to drop, the output of
the error amplifier increases. This result in more
current flowing through the high side power FET,
thus increasing the power charged in inductor and
delivered to the output.
MP3306 provides the analog and PWM dimming
solution, the internal resistor and external capacitor
one PWMO pin filters the PWM dimming signal on
PWMI pin to DC level that program the internal
reference to accomplish the analog dimming
function. When floating the PWMO pin, PWM
dimming function works.
Open Load protection shuts off the MP3306 if the
output voltage goes too high. In some cases an
LED may fail, this results in the feedback voltage
always being zero. The part then runs at maximum
duty cycle boosting the output voltage up. If the
output ever exceeds the programmable OVP
threshold, the MP3306 will shut down. The part
does not switch again until the EN pin or VIN is
toggled.
During Shutdown mode when EN is low, the IC
keeps the internal high-side N-channel MOSFET
(M1) off to disconnect the output from input.
MP3306 has cycle by cycle current limit to protect
the load and IC from over current. And the internal
MOSFET (M1) limits the input current to prevent
system damage when short VOUT condition occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com