Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3306 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3306
Description  30V, 700kHz Synchronous Step-Up White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3306 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3306 Datasheet HTML 1Page - Monolithic Power Systems MP3306 Datasheet HTML 2Page - Monolithic Power Systems MP3306 Datasheet HTML 3Page - Monolithic Power Systems MP3306 Datasheet HTML 4Page - Monolithic Power Systems MP3306 Datasheet HTML 5Page - Monolithic Power Systems MP3306 Datasheet HTML 6Page - Monolithic Power Systems MP3306 Datasheet HTML 7Page - Monolithic Power Systems MP3306 Datasheet HTML 8Page - Monolithic Power Systems MP3306 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP3306
30V, 700kHz Synchronous Step-Up
White LED Driver
MP3306 Rev.1.0
www.MonolithicPower.com
1
3/6/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The MP3306 is a step-up converter designed for
driving white LEDs from 3V to 12V power supply.
The MP3306 uses current mode, fixed frequency
architecture to regulate the LED current, which is
measured through an external high-side current
sense resistor. The low 202mV feedback voltage
and synchronous rectification reduces power loss
and improves efficiency.
The MP3306 is turned off if an over-voltage
condition is present due to an open circuit
condition. The output disconnect feature allows
the output to be completely discharged. The
MP3306 includes under-voltage lockout, current
limiting, output short protection and thermal
overload protection.
The MP3306 is available in small 12-pin QFN
(2mm x 2mm) package.
FEATURES
•
3V~12V Input Voltage
•
Analog Dimming and PWM Dimming
•
Output-to-Input Disconnect in Shutdown
Mode
•
Programmable Open Load Shutdown
•
Output Short Protection
•
Low 202mV Feedback Voltage with +/-3%
accuracy
•
UVLO, Thermal Shutdown
•
Available in 2mm x 2mm QFN12 Package
APPLICATIONS
•
Smart Phone, MID, PDA
•
Digital Still Cameras
•
Small LCD Displays
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
LED 1
LED 6
SW
EN
G N D
M P3306
L1
C 1
C 2
VIN
EN
G N D
R 1
VC C
IN
PW MO
C 5
O VP
R 2
R 3
L
C 3
PM WI
PW MI
B ST
O U T
C 4
FB


Similar Part No. - MP3306

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3306EG MPS-MP3306EG Datasheet
256Kb / 6P
700kHz Synchronous Boost WLED Driver Evaluation Board
More results

Similar Description - MP3306

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
White LED Driver Constant Current Step-up Converter
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
Step Up Converter for White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
logo
Monolithic Power System...
MP3389 MPS-MP3389 Datasheet
391Kb / 16P
12?밪tring, Step-up White LED Driver
logo
Exar Corporation
SP6699 EXAR-SP6699 Datasheet
504Kb / 12P
27V Step Up White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
STMicroelectronics
STLED25 STMICROELECTRONICS-STLED25 Datasheet
2Mb / 30P
5 channels step-up white LED driver
11-May-2012
logo
Linear Integrated Syste...
LT3922EUFD LINEAR-LT3922EUFD Datasheet
2Mb / 30P
36V, 2A Synchronous Step-Up LED Driver
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
27V Step Up White LED Driver
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
36V, 2.3A Synchronous Step-Up LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com