Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388DR Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3388DR
Description  50V, 8-String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388DR Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3388DR Datasheet HTML 3Page - Monolithic Power Systems MP3388DR Datasheet HTML 4Page - Monolithic Power Systems MP3388DR Datasheet HTML 5Page - Monolithic Power Systems MP3388DR Datasheet HTML 6Page - Monolithic Power Systems MP3388DR Datasheet HTML 7Page - Monolithic Power Systems MP3388DR Datasheet HTML 8Page - Monolithic Power Systems MP3388DR Datasheet HTML 9Page - Monolithic Power Systems MP3388DR Datasheet HTML 10Page - Monolithic Power Systems MP3388DR Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP3388- 50V, 8-STRING WHITE LED DRIVERS
MP3388 Rev. 1.0
www.MonolithicPower.com
7
12/16/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =15V, 10 LEDs in series, 8 strings parallel, 20mA/string, unless otherwise noted.
70
75
80
85
90
95
100
4
9
14
19
24
29
INPUT VOLTAGE (V)
Efficiency vs. Input Voltage
Steady State
Vsw
20V/div
Vsw
20V/div
VIN
10V/div
VLED8
500mV/div
VOUT/AC
500mV/div
VOUT
20V/div
ILED
100mA/div
Vsw
20V/div
VLED8
20V/div
VOUT
20V/div
ILED
100mA/div
ILED
100mA/div
Vsw
20V/div
VEN
5V/div
VOUT
20V/div
ILED
100mA/div
Vsw
20V/div
VPWMI
5V/div
VOUT
20V/div
ILED
100mA/div
Vsw
20V/div
VFAULT
5V/div
VOUT
20V/div
ILED
100mA/div
Vsw
20V/div
VFAULT
10V/div
VOUT
20V/div
ILED
100mA/div
400ns/div
2ms/div
2ms/div
1ms/div
200us/div
200us/div
400ms/div
Vin Startup
Ven Startup
PWM Dimming
fPWM=2kHz, DPWM=50%
Open LED Protection
open all LED strings at working
Short LED Protecton
short Vout to LEDx at working
Short LED Protection
short Vout to GND at working



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com