Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388DR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3388DR
Description  50V, 8-String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388DR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3388DR Datasheet HTML 1Page - Monolithic Power Systems MP3388DR Datasheet HTML 2Page - Monolithic Power Systems MP3388DR Datasheet HTML 3Page - Monolithic Power Systems MP3388DR Datasheet HTML 4Page - Monolithic Power Systems MP3388DR Datasheet HTML 5Page - Monolithic Power Systems MP3388DR Datasheet HTML 6Page - Monolithic Power Systems MP3388DR Datasheet HTML 7Page - Monolithic Power Systems MP3388DR Datasheet HTML 8Page - Monolithic Power Systems MP3388DR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP3388
50V, 8-String White LED Driver
MP3388 Rev. 1.0
www.MonolithicPower.com
1
12/16/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3388 is a step-up converter with
8-channel current sources designed for driving
the white LED arrays for large size LCD panel
backlighting applications.
The MP3388 uses current mode, fixed frequency
architecture. The switching frequency can be
selected at 1.25MHz or 625kHz. It generates an
output voltage up to 50V from a 4.5V to 25V input
supply. The MP3388 independently regulates the
current in each LED string to the user programmed
value set by an external current setting resistor.
The MP3388 applies 8 internal current sources in
each LED string terminal to achieve a current
balance of 3% regulation accuracy between
strings. Its low 600mV regulation voltage on LED
current sources reduces power loss and improves
efficiency.
The MP3388 features external PWM dimming or
DC input PWM dimming, which allows the flexible
control of the backlighting luminance. The dimming
PWM signal can be generated internally, and the
dimming frequency is programmed by an external
setting capacitor.
FEATURES
• High Efficiency and Small Size
• 4.5V to 25V Input Voltage Range
• 50V Maximum Step-up Voltage
• Balanced Driver for 8 Strings of WLED
• 3% Current Matching Accuracy Between
Strings
• Selectable Switching Frequency: 1.25MHz or
625kHz
• PWM or DC Input Burst PWM Dimming
• Programmable Over-voltage Protection
• Under Voltage Lockout
• Open and Short LED protection
• Thermal Shutdown
• Small QFN24 (4x4mm) and 28 pin SOIC
packages
• Halogens Free
APPLICATIONS
• Notebook PC
• Small LCD TV
• Handy Terminals Display
• Automotive System and Tablet Computer
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
4.5V~25V
MP3388
VCC
VIN
COMP VFAULT
SW2
SW1
24
23
22
21
20
19
EN
OSC
FSET
PWMO
GND
PWMI
LED8
LED7
LED6
LED5
LED4
ISET
PGND1
PGND2
OVP
LED1
LED2
LED3
78
9
10
11
12
1
2
3
4
5
6
18
17
16
15
14
13
Enable
PWM
DIMMING
NC
L1
D1
M1
C1
C3
C2
R1
R2
RSET
C4
C5
C6


Similar Part No. - MP3388DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3388DR MPS-MP3388DR Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
MP3388DR MPS-MP3388DR Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
More results

Similar Description - MP3388DR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
50V, 6 String White LED Driver
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
50V, 6 String White LED Driver AEC-Q100 Qualified
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
EV3391EY00A MPS-EV3391EY00A Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
8 String White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com