Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388DR Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3388DR
Description  50V, 8-String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388DR Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3388DR Datasheet HTML 6Page - Monolithic Power Systems MP3388DR Datasheet HTML 7Page - Monolithic Power Systems MP3388DR Datasheet HTML 8Page - Monolithic Power Systems MP3388DR Datasheet HTML 9Page - Monolithic Power Systems MP3388DR Datasheet HTML 10Page - Monolithic Power Systems MP3388DR Datasheet HTML 11Page - Monolithic Power Systems MP3388DR Datasheet HTML 12Page - Monolithic Power Systems MP3388DR Datasheet HTML 13Page - Monolithic Power Systems MP3388DR Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP3388- 50V, 8-STRING WHITE LED DRIVERS
MP3388 Rev. 1.0
www.MonolithicPower.com
10
12/16/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
When applying a PWM signal to the PWMI pin,
the MP3388 generates a DC voltage on PWMO
pin which is reversely proportional to the duty
cycle of the PWMI pin signal. By comparing the
PWMO pin signal with the FSET pin triangle
waveform, the converter gets a low frequency
chopping signal that the duty cycle is same as the
input signal. This low frequency chopping signal
will modulate the LED current.
A DC analog signal can be directly applied to the
PWMO pin to modulate the LED current. And the
DC signal is then converted to a DPWM dimming
signal at the setting oscillation frequency. The
polarity is negative.
The brightness of the LED array is proportional to
the duty cycle of the DPWM signal. The DPWM
signal frequency is set by the cap at the FSET
pin.
Open String Protection
The open string protection is achieved through
the over voltage protection. If one or more strings
are open, the respective LEDX pins are pulled to
ground and the IC keeps charging the output
voltage until it reach OVP threshold. Then the
part will mark off the open strings whose LEDX
pin voltage is less than 175mV. Once the mark-off
operation completes, the remaining LED strings
will force the output voltage back into tight
regulation. The string with the highest voltage
drop is the ruling string during output regulation.
The MP3388 always tries to light at least one
string and if all strings in use are open, the
MP3388 shuts down the step-up converter. The
part will maintain mark-off information until the
part shuts down.
Short String Protection
The MP3388 monitors the LEDX pin voltage to
judge if the short string occurs. If one or more
strings are short, the respective LEDX pins will be
pulled up to the boost output and tolerate high
voltage stress. If the LEDX pin voltage is higher
than 5.5V, the short string condition is detected
on the respective string. When the short string
fault (LEDX over-voltage fault) continues for
greater than 1.6ms, the string is marked off and
disabled. Once a string is marked off, its current
regulation is forced to disconnect from the output
voltage loop regulation. The marked-off LED
strings will be shut off totally until the part restarts.
If all strings in use are short, the MP3388 will shut
down the step-up converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com