Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388SGR Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3388SGR
Description  50V, 8-String, Step-Up, White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388SGR Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3388SGR Datasheet HTML 1Page - Monolithic Power Systems MP3388SGR Datasheet HTML 2Page - Monolithic Power Systems MP3388SGR Datasheet HTML 3Page - Monolithic Power Systems MP3388SGR Datasheet HTML 4Page - Monolithic Power Systems MP3388SGR Datasheet HTML 5Page - Monolithic Power Systems MP3388SGR Datasheet HTML 6Page - Monolithic Power Systems MP3388SGR Datasheet HTML 7Page - Monolithic Power Systems MP3388SGR Datasheet HTML 8Page - Monolithic Power Systems MP3388SGR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP3388S—50V, 8-STRING, STEP-UP, WHITE LED DRIVER
MP3388S Rev.1.01
www.MonolithicPower.com
5
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable Control Input. Do not let this pin floating.
2
OSC
Switching-Frequency Selection. When left floating or connected to VCC, the step-up
converter switching frequency is 1.25MHz. When connected to GND, the step-up converter
switching frequency is 625kHz.
3
FPWM
Dimming PWM Frequency Setting. Connect a capacitor, CFPWM, between FPWM and GND to
set the DPWM frequency using the equation: fDPWM=3.5μF/CFPWM.
4
PWMO
PWM Filter Output. For external PWM dimming, connect a capacitor between PWMO and
GND. For DC-input PWM dimming, directly apply a DC voltage between 0.2V and 1.2V. The
DC-input PWM dimming polarity is negative.
5
GND
Analog Ground.
6
PWMI
PWM Signal Input. For external PWM dimming mode, apply a PWM signal. For DC-input
PWM dimming mode, leave floating.
7
LED8
LED String 8 Current Input. This pin is the open-drain output of an internal dimming-control
switch. Connect the LED String 8 cathode to this pin.
8
LED7
LED String 7 Current Input. This pin is the open-drain output of an internal dimming-control
switch. Connect the LED String 7 cathode to this pin.
9
LED6
LED String 6 Current Input. This pin is the open-drain output of an internal dimming-control
switch. Connect the LED String 6 cathode to this pin.
10
LED5
LED String 5 Current Input. This pin is the open-drain output of an internal dimming-control
switch. Connect the LED String 8 cathode to this pin.
11
ISET
LED Current Setting. Tie a current setting resistor from this pin to ground to program the
current in each LED string. ILED = 1000 x 1.21V / RSET
12
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal dimming-control
switch. Connect the LED String 4 cathode to this pin.
13
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal dimming-control
switch. Connect the LED String 3 cathode to this pin.
14
LED2
LED String 2 Current Input. This pin is the open-drain output of an internal dimming-control
switch. Connect the LED String 2 cathode to this pin.
15
LED1
LED String 1 Current Input. This pin is the open-drain output of an internal dimming-control
switch. Connect the LED String 1 cathode to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com