Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388SGR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3388SGR
Description  50V, 8-String, Step-Up, White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388SGR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3388SGR Datasheet HTML 1Page - Monolithic Power Systems MP3388SGR Datasheet HTML 2Page - Monolithic Power Systems MP3388SGR Datasheet HTML 3Page - Monolithic Power Systems MP3388SGR Datasheet HTML 4Page - Monolithic Power Systems MP3388SGR Datasheet HTML 5Page - Monolithic Power Systems MP3388SGR Datasheet HTML 6Page - Monolithic Power Systems MP3388SGR Datasheet HTML 7Page - Monolithic Power Systems MP3388SGR Datasheet HTML 8Page - Monolithic Power Systems MP3388SGR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP3388S
50V, 8-String, Step-Up, White LED Driver
MP3388S Rev.1.01
www.MonolithicPower.com
1
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3388S is a step-up converter with 8
current-source channels designed to drive arrays
of
white
LED
for
LCD-panel
backlighting
applications.
The
MP3388S
uses
current-mode,
fixed-frequency architecture, and users can select
a switching frequency of either 625kHz or
1.25MHz. It generates an output voltage up to
50V from a 4.3V-to-25V input supply. The
MP3388S independently regulates the current in
each LED string set by an external current setting
resistor to a user-programmed value.
The MP3388S applies an internal current source
to each LED string terminal, and can achieve a
current balance of 2.5% regulation accuracy
between strings. Its low 600mV regulation voltage
on LED current sources reduces power loss and
improves efficiency.
The MP3388S features external PWM dimming or
DC-input PWM dimming, which allows for flexible
backlight luminance control. The dimming PWM
signal can be generated internally, and the
dimming frequency is programmed by an external
setting capacitor.
FEATURES
 High Efficiency
 Compact Size
 4.3V-to-25V Input Voltage Range
 50V Maximum Step-Up Voltage
 Balanced Driver for 8 WLED Strings
 2.5% Current-Matching Accuracy between
Strings
 Selectable Switching Frequency of 625kHz
or 1.25MHz
 PWM or DC Input-Burst PWM Dimming
 Programmable Over-Voltage Protection
 Under-Voltage Lockout
 Open- and Short-LED Protection
 Thermal Shutdown
 Small QFN24 (4mm × 4mm) Package
APPLICATIONS
 Notebook PCs
 Tablet Computers
 Small LCD TV
 Handheld Terminal Displays
 Automotive Electronics Equipments
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VIN
MP3388S
Enable
NC
C5
C3
VCC VIN COMPVFAULTSW1 SW2
PGND1
PGND2
OVP
LED1
LED2
LED3
LED4
ISET
LED5
LED6
LED7
LED8
PWMI
GND
PWMO
FPWM
OSC
EN
C1
M1
L1
D1
C2
R1
R2
C4
R
SET
V
OUT
C6
DIMMING
4.5V-25V
PWM


Similar Part No. - MP3388SGR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3388DR MPS-MP3388DR Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3388DR MPS-MP3388DR Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
MP3388DR MPS-MP3388DR Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
MP3388EY MPS-MP3388EY Datasheet
342Kb / 14P
50V, 8-String White LED Driver
More results

Similar Description - MP3388SGR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
50V, 4-String White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
50V, 6 String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3393 MPS-MP3393 Datasheet
518Kb / 19P
8-String Step-Up White LED Driver with External Transistor
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
Step-Up,8-String, External Transistor White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com