Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388SGR Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3388SGR
Description  50V, 8-String, Step-Up, White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388SGR Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3388SGR Datasheet HTML 6Page - Monolithic Power Systems MP3388SGR Datasheet HTML 7Page - Monolithic Power Systems MP3388SGR Datasheet HTML 8Page - Monolithic Power Systems MP3388SGR Datasheet HTML 9Page - Monolithic Power Systems MP3388SGR Datasheet HTML 10Page - Monolithic Power Systems MP3388SGR Datasheet HTML 11Page - Monolithic Power Systems MP3388SGR Datasheet HTML 12Page - Monolithic Power Systems MP3388SGR Datasheet HTML 13Page - Monolithic Power Systems MP3388SGR Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP3388S—50V, 8-STRING, STEP-UP, WHITE LED DRIVER
MP3388S Rev.1.01
www.MonolithicPower.com
10
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
VPWM
VIN
VEN
VPWM
VIN
VEN
VPWM
VIN
VEN
(a)
(b)
(c)
Figure 4: Recommended Power-Off Sequence
Step-Up Converter
The converter operation frequency is selectable
(625kHz or 1.25MHz), which can optimize for
external component sizes and improve efficiency.
At the beginning of each cycle, the internal clock
turns on the power MOSFET. To prevent
sub-harmonic oscillations at D>50%, add a
stabilizing ramp to the output of the current-sense
amplifier; the output goes to the positive input of
the
PWM
comparator.
When
the
PWM
comparator’s positive input voltage equals the
output voltage of the error amplifier (VCOMP) the
power MOSFET turns off.
The
internal
error
amplifier
amplifies
the
difference between the 600mV reference voltage
and the feedback voltage. The converter
automatically chooses the lowest active LEDx pin
voltage to provide the bus voltage to power all the
LED arrays.
If the feedback voltage drops below the 600mV
reference, the output of the error amplifier
increases to increase the current flowing through
the power MOSFET, thus increasing the power
delivered to the output. This forms a closed loop to
regulate the output voltage.
At
light-load
operation—or
VOUT≈VIN—the
converter enters pulse-skipping mode where the
MOSFET turns on for a minimum ON-time of
approximately
100ns
before
the
converter
discharges the power to the output. The MOSFET
repeats this cycle until the output voltage requires
a boost.
Dimming Control
The MP3388S provides two PWM dimming
methods: external PWM signal from the PWMI pin
or DC-input PWM dimming mode (see Figure 5).
Figure 5: PWM Dimming
When applying a PWM signal to the PWMI pin, the
MP3388S generates a DC voltage on the PWMO
pin that is proportional to the duty cycle of the
PWMI signal. By comparing the PWMO pin signal
to the FPWM pin triangle waveform, the converter
gets a choppy low-frequency signal with a duty
cycle the same as the input’s. This choppy
low-frequency signal modulates the LED current.
Directly applying a DC analog signal to the PWMO
pin also modulates the LED current: the DC signal
is converted to a DPWM signal set at the
oscillation frequency. The polarity is negative. The
brightness of the LED array is proportional to the
duty cycle of the DPWM signal. The capacitor at
the FPWM pin sets the DPWM signal frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com