Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3393 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3393
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3393 Datasheet HTML 6Page - Monolithic Power Systems MP3393 Datasheet HTML 7Page - Monolithic Power Systems MP3393 Datasheet HTML 8Page - Monolithic Power Systems MP3393 Datasheet HTML 9Page - Monolithic Power Systems MP3393 Datasheet HTML 10Page - Monolithic Power Systems MP3393 Datasheet HTML 11Page - Monolithic Power Systems MP3393 Datasheet HTML 12Page - Monolithic Power Systems MP3393 Datasheet HTML 13Page - Monolithic Power Systems MP3393 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
10
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Control
Logic
+
-
Current Sense
Amplifier
+
-
PWM
Comparator
Oscillator
+
-
1.23V
OV
Comparator
+
-
+
-
CTL1
Feedback
CTL1 Control
6.4V
EA
LED OV
Comparator
Short String
Protection
Regulator
OVP
ISENSE
GND
VIN
VCC
DIM
COMP
OSC
EN
Enable
Control
320mV
GATE
GND
Current Control
And
Fault Protection
FF
Fault
Management
VFAULT
FB1
CTL8
FB8
Figure 1: MP3393 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com