Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3393 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3393
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3393 Datasheet HTML 11Page - Monolithic Power Systems MP3393 Datasheet HTML 12Page - Monolithic Power Systems MP3393 Datasheet HTML 13Page - Monolithic Power Systems MP3393 Datasheet HTML 14Page - Monolithic Power Systems MP3393 Datasheet HTML 15Page - Monolithic Power Systems MP3393 Datasheet HTML 16Page - Monolithic Power Systems MP3393 Datasheet HTML 17Page - Monolithic Power Systems MP3393 Datasheet HTML 18Page - Monolithic Power Systems MP3393 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
16
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
0
R3
10
R1
NC
C6
VIN1
GND
FF
EN
DIM
C2
JP1
NC
C3
C1
F1
L1
B360
D1
470pF
C8
C4
C7
C5
357k
R2
10k
R5
100PF
C10
R4
LED
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
10
R17
10
R7
2k
R27
20k
R28
2k
R19
20k
R23
10k
R8
C11
0
R12
C12
0.05
R13
NC
R14
10V-28V
10S 8P 200mA/string
AM4499P
M1
4.7nF
C9
NC
R10
M2
M3
300
R11
470pF
C13
VIN
1
VCC
2
COMP
3
OSC
4
EN
5
DIM
6
FB1
7
CTL1
8
FB2
9
CTL2
10
FB3
11
CTL3
12
FB4
13
CTL4
14
CTL5
15
FB5
16
CTL6
17
FB6
18
CTL7
19
FB7
20
CTL8
21
FF
23
OVP
24
GND
25
ISENSE
26
GATE
27
VFAULT
28
FB8
22
MP3393EF
*1
MP3393EF
NC
C14
100k
R18
Q1
0
R6
1
R15
10
R22
Q2
0
R9
1
R20
10
R37
Q6
0
R30
1
R35
10
R26
Q3
0
R16
1
R24
10
R31
Q4
0
R21
1
R29
10
R34
Q5
0
R25
1
R32
10
R39
Q7
0
R33
1
R38
10
R41
Q8
0
R36
1
R40
Figure 4: Driving 8 LED Strings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com