Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3393 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3393
Description  8-String Step-Up White LED Driver with External Transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3393 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3393 Datasheet HTML 11Page - Monolithic Power Systems MP3393 Datasheet HTML 12Page - Monolithic Power Systems MP3393 Datasheet HTML 13Page - Monolithic Power Systems MP3393 Datasheet HTML 14Page - Monolithic Power Systems MP3393 Datasheet HTML 15Page - Monolithic Power Systems MP3393 Datasheet HTML 16Page - Monolithic Power Systems MP3393 Datasheet HTML 17Page - Monolithic Power Systems MP3393 Datasheet HTML 18Page - Monolithic Power Systems MP3393 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP3393—8-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3393 Rev. 1.05
www.MonolithicPower.com
17
3/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
0
R3
10
R1
NC
C6
VIN1
GND1
FF1
EN1
DIM1
4.7 /50V
C2
JP1
NC
C3
220 F/35V
C1
F1
33 H/3A
L1
B360
D1
470pF
C8
2.2 F/100V
C4
47 F/100V
C7
2.2 F/100V
C5
357k
R2
10k
R6
100PF
C10
R5
10
R18
10
R8
2k
R28
20k
R29
2k
R20
20k
R24
10k
R9
0.47 F
C11
0
R13
1 F
C12
0.05
R14
NC
R15
10V -28V
10S 8P 200mA/string
AM4499P
M1
4.7nF
C9
NC
R11
M2
M3
300
R12
470pF
C13
VIN
1
VCC
2
COMP
3
OSC
4
EN
5
DIM
6
FB1
7
CTL1
8
FB2
9
CTL2
10
FB3
11
CTL3
12
FB4
13
CTL4
14
CTL5
15
FB5
16
CTL6
17
FB6
18
CTL7
19
FB7
20
CTL8
21
FF
23
OVP
24
GND
25
ISENSE
26
GATE
27
VFAULT
28
FB8
22
MP3393EF
*1
MP3393EF
NC
C14
100k
R19
Q1
0
R7
1
R16
10
R23
Q2
0
R10
1
R21
10
R38
Q6
0
R31
1
R36
10
R27
Q3
0
R17
1
R25
10
R32
Q4
0
R22
1
R30
10
R35
Q5
0
R26
1
R33
10
R40
Q7
0
R34
1
R39
10
R42
Q8
0
R37
1
R41
10
R50
10k
R44
0.47
C15
0
R47
NC
R46
VIN
1
VCC
2
COMP
3
OSC
4
EN
5
DIM
6
FB1
7
CTL1
8
FB2
9
CTL2
10
FB3
11
CTL3
12
FB4
13
CTL4
14
CTL5
15
FB5
16
CTL6
17
FB6
18
CTL7
19
FB7
20
CTL8
21
FF
23
OVP
24
GND
25
ISENSE
26
GATE
27
VFAULT
28
FB8
22
MP3393EF
*2
MP3393EF
NC
C16
100k
R51
Q9
0
R43
1
R48
10
R54
Q10
0
R45
1
R52
10
R66
Q14
0
R59
1
R64
10
R57
Q11
0
R49
1
R55
10
R60
Q12
0
R53
1
R58
10
R63
Q13
0
R56
1
R61
10
R68
Q15
0
R62
1
R67
10
R70
Q16
0
R65
1
R69
LED17
LED16
LED15
LED14
LED13
LED12
LED11
LED10
LED9
LED8
LED7
LED6
LED5
LED4
LED3
LED2
LED1
2k
R4
OVP
Figure 5: Driving 16 LED Strings (2 MP3393 in Parallel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com