Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2510-ISO Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP2510-ISO
Description  Stand-Alone CAN Controller with SPIInterface
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-ISO Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP2510-ISO Datasheet HTML 57Page - Microchip Technology MCP2510-ISO Datasheet HTML 58Page - Microchip Technology MCP2510-ISO Datasheet HTML 59Page - Microchip Technology MCP2510-ISO Datasheet HTML 60Page - Microchip Technology MCP2510-ISO Datasheet HTML 61Page - Microchip Technology MCP2510-ISO Datasheet HTML 62Page - Microchip Technology MCP2510-ISO Datasheet HTML 63Page - Microchip Technology MCP2510-ISO Datasheet HTML 64Page - Microchip Technology MCP2510-ISO Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
© 2007 Microchip Technology Inc.
DS21291F-page 61
MCP2510
12.0
ELECTRICAL CHARACTERISTICS
12.1
Absolute Maximum Ratings†
VDD............................................................................................................................................................................. 7.0V
All inputs and outputs w.r.t. VSS ..........................................................................................................-0.6V to VDD +1.0V
Storage temperature ............................................................................................................................... -65°C to +150°C
Ambient temp. with power applied .......................................................................................................... -65°C to +125°C
Soldering temperature of leads (10 seconds) ....................................................................................................... +300°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com