Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4566 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4566 Datasheet HTML 1Page - Monolithic Power Systems MP4566 Datasheet HTML 2Page - Monolithic Power Systems MP4566 Datasheet HTML 3Page - Monolithic Power Systems MP4566 Datasheet HTML 4Page - Monolithic Power Systems MP4566 Datasheet HTML 5Page - Monolithic Power Systems MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
4
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BIAS
Controller bias input. When Vbias>2.9V, this rail will supply current to the internal
circuitries.
2
BST
Bootstrap. This is the positive power supply for the internal floating high side
MOSFET driver. Connect a bypass capacitor between this pin and SW pin.
3
SW
Switch node. This is the output from the high-side switch. A low VF Schottky diode to
ground is required close to this pin to reduce switching spikes.
4
VIN
Input Supply. This supplies power to all the internal control circuitry, both BST
regulators and the high side switch. A decoupling capacitor to ground is required
close to this pin to reduce switching spikes.
5
EN
Enable input. Pulling this pin below the specified threshold shuts the chip down.
Pulling it above the specified threshold enables the chip. Floating this pin
automatically keeps the MP4566 on.
6
GND
Ground. It should be connected as close as possible to the output capacitor avoiding
the high current switch paths.
7
FB
Feedback. This is the input to the error amplifier. An external resistive divider
connected between the output and GND is compared to the internal +1.0V reference
to set the regulation voltage.
8
NC
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com