Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4566 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems MP4566 Datasheet HTML 10Page - Monolithic Power Systems MP4566 Datasheet HTML 11Page - Monolithic Power Systems MP4566 Datasheet HTML 12Page - Monolithic Power Systems MP4566 Datasheet HTML 13Page - Monolithic Power Systems MP4566 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
12
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
For simplification, choose the input capacitor
whose RMS current rating greater than half of the
maximum load current. The input capacitor can
be electrolytic, tantalum or ceramic. When using
electrolytic or tantalum capacitors, a small, high
quality ceramic capacitor, i.e. 0.1μF, should be
placed as close to the IC as possible. When
using ceramic capacitors, make sure that they
have enough capacitance to provide sufficient
charge to prevent excessive voltage ripple at
input. The input voltage ripple caused by
capacitance can be estimated by:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠
Where C1 is the input capacitance value.
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to keep the
output voltage ripple low. The output voltage
ripple can be estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝⎠
Where L1 is the inductor value, C2 is the output
capacitance value and RESR is the equivalent
series resistance (ESR) value of the output
capacitor.
In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP4566 can be optimized for a wide range of
capacitance and ESR values.
Compensation Components
MP4566 employs current mode control for easy
compensation and fast transient response. It
already integrates the compensation components
inside. Thus, just choosing appropriate feedback
resistor divider is enough for obtaining a stable
and fast transient performance. Generally,
choosing R1 to be around 150k to 200k is
recommended. In order to adjust load transient
dynamic performance, slightly changing the feed-
forward capacitor from 15pF to 150pF range is
recommended.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the VCC pin to BST pin, as
shown in Figure 2.
BST
SW
CBST
0.1u-1uF
External BST Diode
IN4148
L
Cout
MP4566
Figure 2—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is IN4148,
and the BST cap is 0.1~1uF.
PC Board Layout
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com