Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4566 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4566 Datasheet HTML 1Page - Monolithic Power Systems MP4566 Datasheet HTML 2Page - Monolithic Power Systems MP4566 Datasheet HTML 3Page - Monolithic Power Systems MP4566 Datasheet HTML 4Page - Monolithic Power Systems MP4566 Datasheet HTML 5Page - Monolithic Power Systems MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP4566
36V, 1MHz, 0.6A
Step-Down Converter
With 35μA Quiescent Current
MP4566 Rev. 1.01
ww.MonolithicPower.com
1
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4566 is a high frequency (1MHz) step-
down
switching
regulator
with
integrated
internal high-side high voltage power MOSFET.
It provides single 0.6A (or less) highly efficient
output with current mode control for fast loop
response.
The
wide
4.5V
to
36V
input
range
accommodates
a
variety
of
step-down
applications in automotive input environment.
The very low shutdown mode quiescent current
allows use in battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
Frequency fold-back helps prevent inductor
current runaway during start-up. Thermal
shutdown
provides
reliable,
fault-tolerant
operation.
The MP4566 is available in a 2mmx3mm QFN8
package.
FEATURES
• 35μA Quiescent Current
• Low Shutdown Mode Current: <2μA
• Wide 4.5V to 36V Operating Input Range
• 450mΩ Internal Power MOSFET
• Fixed 1MHz Switching Frequency
• Internally compensated
• Stable with Ceramic Output Capacitors
• Internal Soft-Start
• Precision Current Limit Without Current
Sensing Resistor
• High Light Load Efficiency up to 77% at
1mA
• +1.0V FB Reference Voltage
• Output Adjustable from +1.0V to 0.8xVIN
• 2mmx3mm QFN8 Package
APPLICATIONS
• Adapter-Based/Handheld Applications
• Notebook/Netbook PCs
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP4566
R1
GND FB
SW
VIN
C1
EN
VIN
4.5V to 36V
VOUT
3.3V/0.6A
OFF ON
BIAS
BST
C2
R2
R3
C4
C3
L1
D1
C5
39pF
1
2
3
4
5
6
7
Efficiency vs. Load Current
VOUT=3.3V
20
30
40
50
60
70
80
90
100
0.0001 0.001
0.01
0.1
1
LOAD CURRENT (A)
VIN=6V
VIN=12V
VIN=24V
VIN=36V


Similar Part No. - MP4566

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4560DN MPS-MP4560DN Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4560DQ MPS-MP4560DQ Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
MP4561DQ MPS-MP4561DQ Datasheet
340Kb / 17P
1.5A, 2MHz, 55V Step-Down Converter
More results

Similar Description - MP4566

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
logo
Maxim Integrated Produc...
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935_V01 Datasheet
1Mb / 17P
36V, 3.5A, 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
MAX16936 MAXIM-MAX16936_V01 Datasheet
1Mb / 17P
36V, 220kHz to 2.2MHz Step-Down Converters with 28關A Quiescent Current
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com