Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6401 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6401
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6401 Datasheet HTML 1Page - Monolithic Power Systems MP6401 Datasheet HTML 2Page - Monolithic Power Systems MP6401 Datasheet HTML 3Page - Monolithic Power Systems MP6401 Datasheet HTML 4Page - Monolithic Power Systems MP6401 Datasheet HTML 5Page - Monolithic Power Systems MP6401 Datasheet HTML 6Page - Monolithic Power Systems MP6401 Datasheet HTML 7Page - Monolithic Power Systems MP6401 Datasheet HTML 8Page - Monolithic Power Systems MP6401 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
MP6401 Rev. 1.0
www.MonolithicPower.com
4
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = (VOUT + 0.5V) or +2.5V, whichever is greater, COUT = 3.3µF. Typical Value at TA = +25°C unless
otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Supply Range
VIN
2.5
5.5
V
Input Undervoltage Lockout
VUVLO
VIN falling
1.85
2.05
2.2
V
Hysteresis of UVLO
VHYS
190
mV
Supply
Current (Ground
Current)
IQ
IOUT = 0
80
155
μA
Shutdown Supply Current
ISHDN
TA=+25°C
0.1
1
μA
Regulation Circuit
Output Current
300
mA
Output Voltage Accuracy
(Fixed Output Voltage)
1mA ≤ IOUT ≤ 300mA
-2
+2
%
Adjustable Output Voltage
Range
VADJ
5
V
ADJ Reference Voltage
VADJ
1.205
1.229
1.253
V
ADJ Threshold
250
mV
ADJ Input Leakage Current
IADJ
VADJ = 0, +1.2V
±20
±100
nA
Dropout
Voltage
(Fixed
Output Voltage)
(5)
∆VDO
VOUT = +3.3V, IOUT = 300mA
114
220
mV
Short Current Limit
VIN ≥2.5V
375
mA
In Regulation Current Limit
VIN ≥2.5V
500
mA
Input
Reverse
Leakage
Current
(OUT
to
IN
Leakage Current)
VIN = 4V, VOUT = 5V, EN
deasserted, TA=+25°C
0.01
1
μA
EN Input Low Voltage
VIL
0.3VIN
V
EN Input High Voltage
VIH
0.7Vin
V
EN Input Current
EN= VIN or GND, TA=+25°C
-1
0.1
+1
μA
Thermal-Shutdown
Temperature
TSHDN
150
°C
Thermal-Shutdown
Hysteresis
∆TSHDN
20
°C
Line Regulation
VOUT=1.5V, 2.5V ≤ VIN ≤ 5.5V,
IOUT = 10mA
0.02
%/V
Load Regulation
VOUT = 1.5V, VIN = 2.5V,
1mA ≤ IOUT ≤ 150mA
0.1
%
Output Voltage Noise
10Hz to 100kHz, CIN = 0.1µF,
IOUT = 100mA,VOUT = 1.5V
15
µVRMS
Reset Circuit
MP6401_ _ - _ _ AD_
90
92.5
95
VOUT Reset Threshold
VTHOUT
MP6401_ _ - _ _ BD_
85
87.5
90
%
VOUT
VOUT to Reset Delay
30
μs
D1
2.2
3.125
4.0
D2
17.5
25
32.5
D3
140
200
260
Reset Delay Time
Td
D4
1106
1580
2054
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com