Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6401 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6401
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6401 Datasheet HTML 1Page - Monolithic Power Systems MP6401 Datasheet HTML 2Page - Monolithic Power Systems MP6401 Datasheet HTML 3Page - Monolithic Power Systems MP6401 Datasheet HTML 4Page - Monolithic Power Systems MP6401 Datasheet HTML 5Page - Monolithic Power Systems MP6401 Datasheet HTML 6Page - Monolithic Power Systems MP6401 Datasheet HTML 7Page - Monolithic Power Systems MP6401 Datasheet HTML 8Page - Monolithic Power Systems MP6401 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP6401
300mA LDO Linear Regulator with
Integrated Reset Circuit
MP6401 Rev. 1.0
www.MonolithicPower.com
1
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6401 combines a low-dropout linear
regulator with an integrated reset circuit. It
operates from a 2.5V to 5.5V input voltage and
regulates the output voltage with 2% accuracy
at 1.8V, 2.5V, 3.3V or adjustable value. It
delivers up to 300mA of load current. By
combining an LDO linear regulator with a reset
circuit, these products can reduce cost and save
space in compact portable devices such as cell
phones, smart phones, PDAs, PMPs, and
portable GPS devices.
The MP6401 provides a push-pull, active-low
that asserts when the regulator output voltage
drops
below
the
microprocessor
supply
threshold (-7.5% or -12.5% of nominal output
voltage). Four reset delay time, 3.125ms, 25ms,
200ms and 1580ms can be selected. The
MP6401 is available in 3mmx3mm TQFN8,
2mmx2mm TQFN6 and TSOT packages and is
specified for operation from -40
°C to 85°C.
FEATURES
• Low Quiescent Current of 80μA for Battery
Powered Equipment
• Low 114mV Dropout at 300mA Output
• ±2% Accurate Output Voltage
• Fixed Output Voltage Options of 1.8V, 2.5V
or 3.3V
• Adjustable Output Voltage from 1.229V to
5V Using an External Resistor Divider
• 15μVRMS Ultra Low Noise Output
• PSRR: 57dB at 1kHz
• Input Reverse Current, Thermal and
Short-Circuit Protection
• Microprocessor Reset with Four Delay time
Options
• Push-Pull RESET
APPLICATIONS
•
Smart Phone and Cell Phone
•
Portable GPS Devices
•
Wireless Devices
•
PDA and PMP
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
2.5V to 5.5V
IN
OUT
ADJ
EN
RESET
GND
GND
uP
MP6401
R1
COUT
CIN
VI/O
RESET


Similar Part No. - MP6401

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-01 MPS-MP6400DG-01 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-09 MPS-MP6400DG-09 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-12 MPS-MP6400DG-12 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-15 MPS-MP6400DG-15 Datasheet
300Kb / 12P
Low Quiescent Current Programmable-Delay Supervisory Circuit
More results

Similar Description - MP6401

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
5V, 300mA Linear Regulator with and ENABLE RESET
Rev. 2/3/98
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
300mA LDO Linear Regulator with UP Reset
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
Low-Dropout, 300mA Linear Regulator with Reset
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
300mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
300mA LDO Linear Regulator with uP Reset
3258.2006.03.1.6
logo
Intersil Corporation
ISL6412 INTERSIL-ISL6412_07 Datasheet
208Kb / 10P
Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
March 20, 2007
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com