Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6401 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6401
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6401 Datasheet HTML 3Page - Monolithic Power Systems MP6401 Datasheet HTML 4Page - Monolithic Power Systems MP6401 Datasheet HTML 5Page - Monolithic Power Systems MP6401 Datasheet HTML 6Page - Monolithic Power Systems MP6401 Datasheet HTML 7Page - Monolithic Power Systems MP6401 Datasheet HTML 8Page - Monolithic Power Systems MP6401 Datasheet HTML 9Page - Monolithic Power Systems MP6401 Datasheet HTML 10Page - Monolithic Power Systems MP6401 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
MP6401 Rev. 1.0
www.MonolithicPower.com
7
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=5V, VOUT=3.3V, COUT=3.3µF, TA= -40°C to +85°C, Typical values are at TA=+25°C, unless
otherwise noted.
Supply Current vs.
Input Votage
ADJ=GND, IOUT=300mA
340
370
400
430
460
3.8
4.2
4.6
5
5.4
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Supply Current vs.
Input Votage
ADJ=GND, IOUT=0
40
55
70
85
100
3.8
4.2
4.6
5
5.4
Supply Current vs.
Input Votage
VO=1.5V, IOUT=300mA
340
370
400
430
460
2.5
3.5
4.5
5.5
Supply Current vs.
Input Votage
VO=1.5V, IOUT=0
40
55
70
85
100
2.5
3.5
4.5
5.5
Dropout Voltage vs.
Load Current
0
20
40
60
80
100
120
140
160
0
50 100 150 200 250 300
LOAD CURRENT (mA)
PSRR vs. Frequency
IOUT=300mA
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
Output Voltage Accuray
vs. Temperature
-0.5
-0.3
-0.1
0.1
0.3
0.5
-40
-20
0
20
40
60
80
TEMPERATURE (OC)
Transient Duration
vs. RESET Threshold
Overdrive
RESET THRESHOLD OVERDRIVE (mV)
0
30
60
90
120
110100
Region of Stable Cout ESR
vs. Load Current
0
0.5
1
1.5
2
2.5
3
0
50 100 150 200 250 300
LOAD CURRENT (mA)
RESET ASSERTS ABOVE
THIS LINE
Unstable Region
Stable Region
10
102
103
104
105
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com