Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7747 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7747
Description  20W Class D Mono Single Ended Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7747 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7747 Datasheet HTML 1Page - Monolithic Power Systems MP7747 Datasheet HTML 2Page - Monolithic Power Systems MP7747 Datasheet HTML 3Page - Monolithic Power Systems MP7747 Datasheet HTML 4Page - Monolithic Power Systems MP7747 Datasheet HTML 5Page - Monolithic Power Systems MP7747 Datasheet HTML 6Page - Monolithic Power Systems MP7747 Datasheet HTML 7Page - Monolithic Power Systems MP7747 Datasheet HTML 8Page - Monolithic Power Systems MP7747 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP7747 – 20W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7747 Rev. 1.0
www.MonolithicPower.com
3
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5, 6)
VDD = 24V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Supply Current
Standby Current
VEN = 0V, NIN=PIN=Float
70
µA
Quiescent Current
IQ
SW=Low
1.5
3.0
mA
Output Drivers
SW On Resistance
Sourcing and Sinking
0.25
Ω
Short Circuit Current
Sourcing and Sinking
4.5
A
Inputs
EN Enable Threshold Voltage
VEN Rising
1.4
2.0
V
VEN Falling
0.4
1.0
V
EN Enable Input Current
VEN = 5V
5
µA
External Undervoltage
Detection
VUVP
4
V
External Undervoltage
Detection Dysteresis Voltage
VHys
0.3
V
Thermal Shutdown
Thermal Shutdown Trip Point
TJ Rising
150
°C
Thermal Shutdown Hysteresis
30
°C
Note:
5)
The device is not guaranteed to function outside its operating rating.
6)
Electrical Characteristics are for the IC only with no external components except bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com