Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7747 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP7747
Description  20W Class D Mono Single Ended Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7747 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP7747 Datasheet HTML 5Page - Monolithic Power Systems MP7747 Datasheet HTML 6Page - Monolithic Power Systems MP7747 Datasheet HTML 7Page - Monolithic Power Systems MP7747 Datasheet HTML 8Page - Monolithic Power Systems MP7747 Datasheet HTML 9Page - Monolithic Power Systems MP7747 Datasheet HTML 10Page - Monolithic Power Systems MP7747 Datasheet HTML 11Page - Monolithic Power Systems MP7747 Datasheet HTML 12Page - Monolithic Power Systems MP7747 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP7747 – 20W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7747 Rev. 1.0
www.MonolithicPower.com
9
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Programmable UVP
MP7747 integrate programmable UVP function,
which can be used to shutdown the MP7747 to
escape the pop, by controlling the UVP node
voltage. The corresponding circuit is shown in
the followed figure 2. If the UVP pin is NC, the
default VDD UVP voltage (rising threshold) is
8.4V since there is internal voltage divided
circuit.
The VDD UVP voltage (rising threshold) can be
flexibly adjusted by controlling UVP pin voltage.
The recommended VDD shutdown voltage is
from 9.5V to power supply. As shown in the
figure 2, if external resistor RH and RL is low
enough (e.g. RH, RL < 50kΩ) compared with
internal 500kΩ and 550kΩ resistor, the VDD
shutdown voltage (rising threshold) can be
calculated by the equation:
HL
VDD _ shutdown
L
(R
R )
V4 *
R
+
=
The hysteresis voltage can be calculated by the
equation:
HL
hysteresis
L
RR
V0.3 *
R
+
=
VDD
UVP
AGND
+4V
+
-
MP7747
RH
RL
500k
Ω
550k
Ω
VDD
Figure 2—UVP Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com