Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7747 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7747
Description  20W Class D Mono Single Ended Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7747 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7747 Datasheet HTML 1Page - Monolithic Power Systems MP7747 Datasheet HTML 2Page - Monolithic Power Systems MP7747 Datasheet HTML 3Page - Monolithic Power Systems MP7747 Datasheet HTML 4Page - Monolithic Power Systems MP7747 Datasheet HTML 5Page - Monolithic Power Systems MP7747 Datasheet HTML 6Page - Monolithic Power Systems MP7747 Datasheet HTML 7Page - Monolithic Power Systems MP7747 Datasheet HTML 8Page - Monolithic Power Systems MP7747 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP7747
20W Class D Mono
Single Ended Audio Amplifier
MP7747 Rev. 1.0
www.MonolithicPower.com
1
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7747 is a mono 20W Class D Audio
Amplifier. It is one of MPS’ products of fully
integrated audio amplifiers which dramatically
reduce solution size by integrating the following:
250mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
The MP7747 utilizes a single ended output
structure capable of delivering 20W into 4Ω
speakers. MPS Class D Audio Amplifiers exhibit
the high fidelity of a Class A/B amplifier at high
efficiencies. The circuit is based on the MPS’
proprietary variable frequency topology that
delivers excellent linearity, fast response time
and operates on a single power supply.
MP7747
features
programmable
VDD
shutdown voltage by controlling the UVP node
voltage. The default VDD UVP voltage (rising
threshold) is 8.4V if the UVP pin is NC.
FEATURES
• 20W Output at VDD = 24V into a 4Ω load
• THD+N = 0.02% at 1W, 8Ω
• 91% Efficiency at 20W & VDD=24V
• Low Noise (103µV Typical)
• Switching Frequency Up to 1MHz
• 9.5V to 36V Operation from a Single Supply
• Integrated Startup and Shutdown Pop
Elimination Circuit
• Programmable UVP
• Thermal and Short Circuit Protection
• Integrated Power FETs
• Available in 10-Pin QFN3x3 Package
APPLICATIONS
• Portable Docking Stations
• Surround Sound DVD Systems
• Televisions
• Flat Panel Monitors
• Multimedia Computers
• Home Stereo Systems
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
THD+N vs. POUT
VDD=24V, Freq=1kHz
0.01
20
0.02
0.05
0.1
0.2
0.5
10
5
2
1
60m
35
100m
1
10
POUT (W)


Similar Part No. - MP7747

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7747DQ MPS-MP7747DQ Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
More results

Similar Description - MP7747

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATA-120 ETC-ATA-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV0066 MPS-EV0066 Datasheet
281Kb / 6P
Mini 20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
MP7740 MPS-MP7740 Datasheet
457Kb / 12P
15W Class D Mono Single Ended Audio Amplifer
logo
Diodes Incorporated
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
20W Mono Class D Audio Amplifier
Rev 1
logo
Monolithic Power System...
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7722DF-02A MPS-EV7722DF-02A Datasheet
433Kb / 7P
20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com