Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8736 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8736 Datasheet HTML 1Page - Monolithic Power Systems MP8736 Datasheet HTML 2Page - Monolithic Power Systems MP8736 Datasheet HTML 3Page - Monolithic Power Systems MP8736 Datasheet HTML 4Page - Monolithic Power Systems MP8736 Datasheet HTML 5Page - Monolithic Power Systems MP8736 Datasheet HTML 6Page - Monolithic Power Systems MP8736 Datasheet HTML 7Page - Monolithic Power Systems MP8736 Datasheet HTML 8Page - Monolithic Power Systems MP8736 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
4
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
AGND
Analog Ground.
2
FREQ
Frequency Set during CCM operation. The ON period is determined by the input
voltage and the frequency-set resistor connected to FREQ pin. Connect a resistor
to IN for line feed forward. Decouple with a 1nF capacitor.
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB
pin, sets the output voltage.
4
SS
Soft Start. Connect an external SS capacitor to program the soft start time for the
switch mode regulator. When the EN pin becomes high, an internal current source
(8.5uA) charges up the SS capacitor and the SS voltage slowly ramps up from 0 to
VFB smoothly. When the EN pin becomes low, an internal current source (8.5μA)
discharges the SS capacitor and the SS voltage slowly ramps down.
5
EN
EN=1 to enable the MP8736. For automatic start-up, connect EN pin to IN with a
100kΩ resistor. Includes an internal 1MΩ pull-down.
6
PGOOD
Power Good Output. The output of this pin is an open drain and is high if the
output voltage is higher than 90% of the nominal voltage. There is delay from FB ≥
90% to PGOOD high, which is 50% of SS time plus 0.5ms.
7
BST
Bootstrap. A 0.1μF to 1μF capacitor connected between SW and BST pins is
required to form a floating supply across the high-side switch driver.
8, 19
IN
Supply Voltage. The MP8736 operates from a +4.5V to +19V input rail. CIN is
needed to decouple the input rail. Use wide PCB traces and multiple vias to make
the connection.
9, 10, 17, 18
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
11-16
PGND
System Ground. This pin is the reference ground of the regulated output voltage.
For this reason care must be taken in PCB layout.
20
VCC
Internal Bias Supply. Decouple with a 1µF capacitor as close to the pin as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com