Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8736 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8736
Description  High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8736 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8736 Datasheet HTML 8Page - Monolithic Power Systems MP8736 Datasheet HTML 9Page - Monolithic Power Systems MP8736 Datasheet HTML 10Page - Monolithic Power Systems MP8736 Datasheet HTML 11Page - Monolithic Power Systems MP8736 Datasheet HTML 12Page - Monolithic Power Systems MP8736 Datasheet HTML 13Page - Monolithic Power Systems MP8736 Datasheet HTML 14Page - Monolithic Power Systems MP8736 Datasheet HTML 15Page - Monolithic Power Systems MP8736 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP8736– HIGHEFFICIENCY,FAST TRANSIENT,6A, 19V SYNCHRONOUSBUCKCONVERTERIN ATINY3X4mmPACKAGE
MP8736 Rev. 1.34
www.MonolithicPower.com
12
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BLOCK DIAGRAM
FREQ
OC
PGOOD
Comparator
PGOOD
BST
VCC
UV Detect
Comparator
-
+
5V LDO
0.4V
ILIM
UV
OV
HS_FET
1MEG
LS_FET
RSEN
0
0
VCC
0
OV Detect
Comparator
+
-
1.0V
PWM
AGND
LOGIC
OFF
Timer
Current
Modulator
BSTREG
SOFT
START/STOP
Loop
Comparator
-
+
+
xS
xR
HS
Driver
Q
Current Sense
Amplifer
SW
LS
Driver
GND
EN
IN
REFERENCE
0.815V
START
FB
Refresh
Timer
SS
HS Ilimit
Comparator
-
+
ON
Timer
Over-Current
Timer
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com