Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT5014BLLG Datasheet(PDF) 14 Page - Microsemi Corporation

Part # APT5014BLLG
Description  Power Semiconductors Power Modules RF Power MOSFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT5014BLLG Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button APT5014BLLG Datasheet HTML 10Page - Microsemi Corporation APT5014BLLG Datasheet HTML 11Page - Microsemi Corporation APT5014BLLG Datasheet HTML 12Page - Microsemi Corporation APT5014BLLG Datasheet HTML 13Page - Microsemi Corporation APT5014BLLG Datasheet HTML 14Page - Microsemi Corporation APT5014BLLG Datasheet HTML 15Page - Microsemi Corporation APT5014BLLG Datasheet HTML 16Page - Microsemi Corporation APT5014BLLG Datasheet HTML 17Page - Microsemi Corporation APT5014BLLG Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
14
Pout
Freq.
V
DD/BVDSS
JC
Package
Part
Class of
(W)
(MHz)
(V)
(OC/W)
Style
Number
Operation
90
120
150V/450V
0.76
TO-247
ARF449AG/BG
C-E
100
100
125V/500V
0.70
TO-247
ARF463AG/BG
A-E
100
125V/500V
0.70
TO-247
ARF463AP1G/BP1G
A-E
140
65
250V/900V
0.55
TO-247
ARF446G
C-E
65
250V/900V
0.55
TO-247
ARF447G
C-E
65
150V/450V
0.55
TO-247
ARF448AG/BG
C-E
150
65
125V/500V
0.50
TO-247
ARF460AG/BG
A-E
65
250V/1kV
0.50
TO-247
ARF461AG/BG
A-E
60
300V/1.2kV
0.50
TO-247
ARF465AG/BG
A-E
150
150
165V/500V
0.60
M174
ARF521
A-E
300
150
165V/500V
0.35
M208
ARF473
A-E
150
165V/500V
0.31
T3A
ARF475FL
A-E
150
165V/500V
0.31
T3C
ARF476FL
A-E
45
200V/1kV
0.35
TO-264
ARF466AG/BG
A-E
300
45
200V/1kV
0.13
T3
ARF466FL
A-E
400
65
165V/500V
0.18
T3C
ARF477FL
A-E
750
25
250V/1000V
0.13
T2
ARF1519
A-E
750
40
125V/500V
0.12
T1
ARF1500
A-E
40
250V/1kV
0.12
T1
ARF1501
A-E
40
300V/1.2kV
0.12
T1
ARF1505
A-E
750
40
400V/1000V
0.12
T1
ARF1510
D
40
380V/500V
0.12
T1
ARF1511
D
Datasheets available on www.microsemi.com
All Products RoHS Compliant
D
S
S
G
G
S
S
S
S
The ARF family of RF Power MOSFETs are optimized for applications requiring frequencies as high as 150MHz and operating voltages as
high as 400V. Historically, RF Power MOSFETs were limited to applications of 50V or less. This limitation has been removed by combining
Microsemi's high voltage MOSFET technology with RF specific die geometries.
Why Higher Voltage? Higher V
DD means higher load impedance. For 150W output from a 50V supply the load impedance is only 8 ohms.
At 125V, the load impedance is 50 ohms. The higher impedance allows simpler transformers and combiners. Paralleled devices can still
operate into reasonable and convenient impedances. The increased operating voltage also lowers the DC current required for any given
power output increasing efficiency and reducing the size, weight and cost of other system components.
TO-247
TO-264
T1
T2
T3A
T3B
M208
M113 / M174 / M177
T4
T2B
T2 Backside
T11
High Voltage RF MOSFETs
T3C
T3
Drivers and Driver-RF MOSFET Hybrids
The DRF1200/01/02/03 Hybrids integrates Driver, bypass capacitors and RF MOSFETS into a single package. Integration
maximizes amplifier performance by minimizing transmission line parasitics between the Driver and MOSFET. The DRF1300 or DRF1301
has two independent channels, each containing a Driver and RF MOSFET in a push pull configuration. The DRF1400A and B are half
bridge hybrids with symmetrically orientated leads so that the two can easily be configured into a full bridge converter. All DRF parts
feature a proprietary Anti-ring function to eliminate cross conduction in a Bridge or push-pull topologies. All DRF parts can be externally
selected in either an inverting or non-inverting configuration.
P
D
Freq.
V
DD/BVDSS
JC
Package
Part
Class of
Description
(W)
(MHz)
(V)
(OC/W)
Style
Number
Operation
600
30
15V/1000V
1.00
T2B
DRF1200
D-E
Driver and High Voltage RF MOSFET
1060
30
15V/1000V
.025
T2B
DRF1201
D-E
Driver and High Voltage/High Power RF MOSFET
1060
30
15V/500V
.025
T2B
DRF1202
D-E
Driver and High Power RF MOSFET
600
30
15V/1000V
0.09
T2B
DRF1203
D-E
Driver and High Voltage RF MOSFET
1000
30
15V/500V
0.06
T4
DRF1300
D-E
2 Drivers/RF MOSFETs in Push-Pull Configuration
1000
30
15V/1000
0.06
T4
DRF1301
D-E
2 Drivers/RF MOSFETs in Push-Pull Configuration
1500
30
15V/500
0.06
T4
DRF1400
D-E
2 Drivers/RF MOSFETs in a H Bridge Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com