Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO3FLEX Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DPO3FLEX
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3FLEX Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DPO3FLEX Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 12Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 13Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
MSO3012 and
DPO3012
MSO3014 and
DPO3014
MSO3032 and
DPO3032
MSO3034 and
DPO3034
DPO3052
MSO3054 and
DPO3054
Analog channels
2
4
2
4
2
4
Analog bandwidth (-3dB)
100 MHz
100 MHz
300 MHz
300 MHz
500 MHz
500 MHz
Calculated rise time at 5 mv/div,
typical
3.5 ns
3.5 ns
1.17 ns
1.17 ns
700 ps
700 ps
Sample rate (analog channels)
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
Record length
5 M points
5 M points
5 M points
5 M points
5 M points
5 M points
Digital channels
MSO models add 16 digital channels to the corresponding DPO model
Vertical system analog channels
Hardware bandwidth limits
≥300 MHz models
20 MHz and 150 MHz
100 MHz models
20 MHz
Input coupling
AC, DC, GND
Input impedance
1 MΩ ±1%, 75 Ω ± 1%, 50 Ω ±1%
Input sensitivity range
1 MΩ
1 mV/div to 10 V/div
75 Ω, 50 Ω
1 mV/div to 1 V/div
Vertical resolution
8 bits (11 bits with Hi Res)
Maximum input voltage
1 MΩ
300 VRMS with peaks ≤ ±450 V
75 Ω, 50 Ω
5 VRMS with peaks ≤ ±20 V
DC gain accuracy
±1.5% for 5 mV/div and above
±2.0% for 2 mV/div
±2.5% for 1 mV/div
Channel-to-channel isolation
Any two channels at equal vertical scale ≥100:1 at ≤100 MHz and ≥30:1 at >100 MHz up to the rated bandwidth
Offset range
Volts/div setting
Offset range
1 MΩ input
50 Ω and 75 Ω input
1 mV/div to 99.5 mV/div
±1 V
±1 V
100 mV/div to 995 mV/div
±10 V
±5 V
1 V/div to 10 V/div
±100 V
±5 V
Datasheet
10 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com