Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO3FLEX Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # DPO3FLEX
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3FLEX Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DPO3FLEX Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 12Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 13Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 14Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 15Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Trigger system
Trigger modes
Auto, Normal, and Single
Trigger coupling
DC, AC, HF reject (attenuates >50 kHz), LF reject (attenuates <50 kHz), noise reject (reduces sensitivity)
Trigger holdoff range
20 ns to 8 s
Trigger sensitivity, typical
Edge type, DC coupled
Trigger Source
Sensitivity
Any input channel
0.50 div from DC to 50 MHz, increasing to 1 div at oscilloscope
bandwidth
Aux input (external trigger)
200 mV from DC to 50 MHz, increasing to 500 mV at 250 MHz
Line
Fixed
Trigger level ranges
Any input channel
±8 divisions from center of screen, ±8 divisions from 0 V when vertical LF reject trigger coupling is selected
Aux Input (external trigger)
±8 V
Line
The line trigger level is fixed at about 50% of the line voltage.
Trigger types
Edge
Positive or negative slope on any channel or front-panel auxiliary input. Coupling includes DC, AC, HF reject, LF reject, and noise
reject.
Sequence (B-trigger)
Trigger Delay by Time: 8 ns to 8 s. Or Trigger Delay by Events: 1 to 9,999,999 events.
Pulse Width
Trigger on width of positive or negative pulses that are >, <, =, ≠, or inside/outside a specified period of time.
Timeout
Trigger on an event which remains high, low, or either, for a specified time period (4 ns to 8 s).
Runt
Trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again.
Logic
Trigger when any logical pattern of channels goes false or stays true for specified period of time. Any input can be used as a clock
to look for the pattern on a clock edge. Pattern (AND, OR, NAND, NOR) specified for all input channels defined as High, Low, or
Don’t Care.
Setup and Hold
Trigger on violations of both setup time and hold time between clock and data present on any of the analog and digital input
channels.
Rise/Fall Time
Trigger on pulse edge rates that are faster or slower than specified. Slope may be positive, negative, or either.
Video
Trigger on all lines, odd, even, or all fields on NTSC, PAL, and SECAM video signals.
Extended Video (optional)
Trigger on 480p/60, 576p/50, 720p/30, 720p/50, 720p/60, 875i/60, 1080i/50, 1080i/60, 1080p/24, 1080p/24sF, 1080p/25, 1080p/
30, 1080p/50, 1080p/60, and custom bi-level and tri-level sync video standards.
I2C (optional)
Trigger on Start, Repeated Start, Stop, Missing ACK, Address (7 or 10 bit), Data, or Address and Data on I2C buses up to 10 Mb/s.
SPI (optional)
Trigger on SS, MOSI, MISO, or MOSI and MISO on SPI buses up to 10.0 Mb/s.
RS-232/422/485/UART
(optional)
Trigger on Tx Start Bit, Rx Start Bit, Tx End of Packet, Rx End of Packet, Tx Data, Rx Data, Tx Parity Error, and Rx Parity Error up
to 10 Mb/s.
CAN (optional)
Trigger on Start of Frame, Frame Type (data, remote, error, overload), Identifier (standard or extended), Data, Identifier and Data,
End of Frame, Missing ACK, or Bit Stuffing Error on CAN signals up to 1 Mb/s. Data can be further specified to trigger on ≤, <, =,
>, ≥, or ≠ a specific data value. User-adjustable sample point is set to 50% by default.
LIN (optional)
Trigger on Sync, Identifier, Data, Identifier and Data, Wakeup Frame, Sleep Frame, Errors such as Sync, Parity, or Checksum
Errors up to 100 kb/s (by LIN definition, 20 kb/s).
FlexRay (optional)
Trigger on Start of Frame, Type of Frame (Normal, Payload, Null, Sync, Startup), Identifier, Cycle Count, Complete Header Field,
Data, Identifier and Data, End of Frame or Errors such as Header CRC, Trailer CRC, Null Frame, Sync Frame, or Startup Frame
Errors up to 100 Mb/s.
Datasheet
12 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com