Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO3FLEX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DPO3FLEX
Description  Mixed Signal Oscilloscopes
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DPO3FLEX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DPO3FLEX Datasheet HTML 4Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 5Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 6Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 7Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 8Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 9Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 10Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 11Page - List of Unclassifed Manufacturers DPO3FLEX Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Video design and development
Many video engineers have remained loyal to analog oscilloscopes,
believing the intensity gradations on an analog display are the only way to
see certain video waveform details. The fast waveform capture rate,
coupled with its intensity-graded view of the signal, provides the same
information-rich display as an analog oscilloscope, but with much more
detail and all the benefits of digital scopes.
Standard features such as IRE and mV graticules, holdoff by fields, video
polarity, and an Autoset smart enough to detect video signals, make these
the easiest to use oscilloscopes on the market for video applications. And
with high bandwidth, four analog inputs, and a built-in 75 Ω input
termination, the oscilloscope provides ample performance for analog and
digital video use.
The video functionality is further extended with the optional video
application module, which provides the industry's most complete suite of
HDTV and custom (nonstandard) video triggers.
Viewing an NTSC video signal. Notice the intensity-graded view provided by the DPO's
ability to represent time, amplitude, and distribution over time.
Designed to make your work easier
The MSO/DPO3000 is designed to make your work easier. The large, high-resolution
display shows intricate signal details. Dedicated front-panel controls simplify operation. A
USB host port on the front panel allows you to easily transfer screen shots, instrument
settings, and waveform data to a USB mass storage device.
Large high-resolution display
The MSO/DPO3000 Series features a 9 inch (229 mm) wide-screen, high-
resolution (800 × 480 WVGA) display for seeing intricate signal details.
Dedicated front-panel controls
Per-channel vertical controls provide simple and intuitive operation. No
longer do you need to share one set of vertical controls across all four
channels.
Connectivity
A USB host port on the front panel enables easy transfer of screen shots,
instrument settings, and waveform data to a USB mass storage device. The
rear panel contains a second USB host port and a USB device port for
controlling the oscilloscope remotely from a PC or for connecting a USB
keyboard. The USB device port can also be used to print directly to a
PictBridge®-compatible printer. An integrated 10/100 Ethernet port enables
easy connection to networks and a Video Out port allows the oscilloscope
display to be exported to an external monitor or projector.
Compact form factor
With the compact, portable form factor, you can easily move the
oscilloscope between labs. And with a depth of just 5.8 inches (147 mm), it
saves you valuable space on your test bench.
The MSO/DPO3000 Series compact form factor frees up valuable space on your bench
or desktop.
Datasheet
8 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com