Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSO5000B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 11Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 12Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 13Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 14Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
MSO5034B
DPO5034B
MSO5054B
DPO5054B
MSO5104B
DPO5104B
MSO5204B
DPO5204B
Input Channels
4
Bandwidth
350 MHz
500 MHz
1 GHz
2 GHz
Rise Time (Calculated)
1 ns
700 ps
350 ps
175 ps
DC Gain Accuracy
±1.5%, derated at 0.10%/°C above 30 °C
Bandwidth Limits
Depending on instrument model: 1 GHz, 500 MHz, 350 MHz, 250 MHz, and 20 MHz
Effective Number of Bits (Typical)
6 bits (10 divisionp-p sine wave input at instrument bandwidth, 100 mV/div, 50 Ω Input Impedance, maximum sample rate, 1 k
point record length)
Random Noise (RMS, typical, sample mode, full BW)
1 MΩ
≤(130 μV + 8.0% of V/div
setting)
≤(130 μV + 8.0% of V/div
setting)
≤(150 μV + 8.0% of V/div
setting)
≤(180 μV + 8.0% of V/div
setting)
50 Ω
≤(130 μV + 8.0% of V/div
setting)
≤(130 μV + 8.0% of V/div
setting)
≤(75 μV + 6.0% of V/div
setting)
≤(150 μV + 6.0% of V/div
setting)
Maximum Sample Rate (All channels) 5 GS/s
5 GS/s
5 GS/s
5 GS/s
Maximum Sample Rate (1 or
2 channels)
–
–
10 GS/s
10 GS/s
Maximum Equivalent Time Sampling
Rate
400 GS/s
Maximum Record Length with
Standard Configuration
25 M
25 M (4 ch)
50 M (1 or 2 ch)
Maximum Record Length with Option
5RL
50 M
50 M (4 ch)
125 M (1 or 2 ch)
Maximum Record Length with Option
10RL
125 M
125 M (4 ch)
250 M (1 or 2 ch)
Vertical system analog channels
Input coupling
AC, DC
Input resistance
1 MΩ ±1%, 50 Ω ±1%
Input sensitivity range
1 MΩ: 1 mV/div to 10 V/div
50 Ω: 1 mV/div to 1 V/div
Vertical resolution
8 bits (>11 bits with Hi Res)
Maximum input voltage, 1 MΩ
300 VRMS CAT II, with peaks ≤ ±425 V
For <100 mV/div derate at 20 dB/decade above 100 kHz to 30 VRMS at 1 MHz, 10 dB/decade above 1 MHz
For ≥100 mV/div derate at 20 dB/decade above 3 MHz to 30 VRMS at 30 MHz, 10 dB/decade above 30 MHz
Maximum input voltage, 50 Ω
5 VRMS, with peaks ≤ ±20 V
Position range
±5 divisions
Mixed Signal Oscilloscopes - MSO5000B, DPO5000B Series
www.tektronix.com 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com