Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSO5000B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 2Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Search - Results of an advanced search for a runt pulse or a narrow glitch within a long
waveform record.
Comprehensive analysis
Verifying that your prototype's performance matches simulations and meets
the project's design goals requires analyzing its behavior. Tasks can range
from simple checks of rise times and pulse widths to sophisticated power
loss analysis, characterization of system clocks, and investigation of noise
sources. The MSO/DPO5000B Series offers a comprehensive set of
integrated analysis tools including waveform- and screen-based cursors,
53 automated measurements, advanced waveform math including arbitrary
equation editing, waveform histograms, and FFT analysis.
Analyze - Waveform histogram of the rising and falling edge of a 622 Mb/s signal
showing the distribution of edge position (jitter) over time. Included are numeric
measurements made on the waveform histogram data.
The standard limit test package enables long-term signal monitoring,
characterizing signals during design, and production line testing. Limit test
compares a tested signal to a known good or "golden" version of the same
signal with user-defined vertical and horizontal tolerances. You can tailor a
limit test to your specific requirements by defining test duration in a number
of waveforms, setting a violation threshold that must be met before
considering a test a failure, counting hits with statistical information, and
setting actions upon violations, test failure, and test complete.
Custom analysis
When signal analysis needs extend beyond the standard or optional
analysis features, the Windows 7 based MSO/DPO5000B series has the
flexibility to support custom analysis. Apply your custom algorithms using
custom MATLAB and .NET math plug-ins for analysis functions that are
integrated in the oscilloscope user interface for more seamless operation.
Custom analysis - Waterfall display generated from oscilloscope data using MATLAB.
Jitter analysis
Every MSO/DPO5000B Series oscilloscope includes the DPOJET
Essentials jitter and eye pattern analysis software package, extending the
oscilloscope's measurement capabilities to take measurements over
contiguous clock and data cycles in a single-shot real-time acquisition. This
enables measurement of key jitter and timing analysis parameters such as
Time Interval Error and Phase Noise to help characterize possible system
timing issues. Analysis tools such as plots for time trends and histograms
quickly show how timing parameters change over time, and spectrum
analysis quickly shows the precise frequency and amplitude of jitter and
modulation sources.
Datasheet
6 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com