Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSO5000B Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # MSO5000B
Description  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 18Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 19Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 20Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 21Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 22Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 23Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 24Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 25Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Option
Description
Opt. SR-EMBD
Embedded serial triggering and analysis (I2C, SPI)
Enables triggering on packet-level information on I2C and 2-wire and 3-wire SPI buses and analytical tools such as digital views of the signal, bus
views, packet decoding, search tools, and packet decode tables with time stamp information.
Signal Inputs – I2C: Any Ch1 - Ch4 (and any D0 - D15 on MSO models); SPI: Any Ch1 - Ch4 (and any D0 - D15 on MSO models)
Recommended probing – I2C, SPI: single ended
Opt. SR-ENET
Ethernet serial triggering and analysis (10BASE-T, 100BASE-TX)
Enables triggering on packet-level information on Ethernet buses as well as analytical tools such as bus views, packet decoding, search tools,
and packet decode tables with time stamp information.
Signal Inputs – Any Ch1 - Ch4.
Recommended probing – Differential
Opt. SR-USB
USB 2.0 serial triggering and analysis (LS, FS, HS)
Enables triggering on packet-level content for low-speed, full-speed, and high-speed USB serial buses. Also enables analytical tools such as bus
views, packet decoding, search tools, and packet decode tables with time stamp information for low-speed, full-speed, and high-speed USB serial
buses.
Signal Inputs – Low-speed and Full-speed: Any Ch1 - Ch4 (and any D0 - D15 on MSO models) for single ended, Any Ch1 - Ch4 for differential;
High-speed: Any Ch1 - Ch4
Recommended probing – Low-speed and Full-speed: Single ended or differential; High-speed: Differential (USB high-speed supported only on
MSO5204, DPO5204, MSO5104, and DPO5104 models.)
Opt. SVE
SignalVu® Essentials – Vector signal analysis software
Opt. USB
USB 2.0 Compliance testing (Requires TDSUSBF USB Test Fixture. 2 GHz bandwidth required for high-speed USB)
Opt. USBPWR
Automated compliance test solution for USB power adapters
Opt. VNM
CAN/LIN Protocol analysis software
Bundle options
These bundled items must be purchased at the same time as the instrument purchase.
Option
Description
Opt. PS2
Power Solution Bundle: DPOPWR, THDP0200, TCP0030A, 067-1686-xx (Deskew fixture)
Opt. PS3
Power Solution Bundle: DPOPWR, TMDP0200, TCP0020, 067-1686-xx (Deskew fixture)
Floating options
Floating licenses offer an alternative method to manage your Tektronix asset. Floating licenses allow license-key enabled options to be easily moved among all your MSO/
DPO5000, DPO7000, and DPO/DSA/MSO70000 Series Tektronix oscilloscopes. Floating licenses are available for the following license-key enabled options.
Check http://www.tek.com/products/oscilloscopes/floatinglicenses for additional information about floating license options.
Option
Description
DPOFL-BRR
BroadR-Reach Compliance Testing (Requires TF-GBE-BTP or TF-GBE-ATP Ethernet Test Fixture)
DPOFL-DDRA
DDR Memory bus analysis (Requires Opt. DJA) (Available on 1 GHz and 2 GHz models only)
DPOFL-DJA
Jitter and Eye Analysis Tools – Advanced (DPOJET)
DPOFL-ET3
Ethernet compliance testing (Requires TF-GBE-BTP or TF-GBE-ATP Ethernet test fixture.)
DPOFL-HSIC
USB HSIC protocol decode and electrical validation (Requires Opt. DJA) (Available on 2 GHz models only)
DPOFL-MOST
MOST Essentials – Electrical compliance and debug test solution (MOST50, MOST150) (Requires Opt. DJA)
DPOFL-MTM
Mask testing
DPOFL-PWR
Power measurement and analysis
DPOFL-SR-AERO
Aerospace serial triggering and analysis (MIL-STD-1553)
DPOFL-SR-AUTO
Automotive serial triggering and analysis (CAN/LIN/FlexRay)
DPOFL-SR-COMP
Computer serial triggering and analysis (RS-232/422/485/UART)
DPOFL-SR-DPHY
MIPI® D-PHY serial analysis
Datasheet
22 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com