Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3036CC1C Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ZSSC3036CC1C
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036CC1C Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036CC1C Datasheet HTML 41Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 42Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 43Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 44Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 45Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 46Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 47Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 48Page - List of Unclassifed Manufacturers ZSSC3036CC1C Datasheet HTML 49Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
46 of 49
Table 4.1
Die Size & Geometry
Parameter
MIN [µm]
TYP [µm]
Description / Remarks
X-dimension
900
925
Includes
seal ring and remaining “empty” silicon after saw-
ing; maximum dimensions may be larger for engineering
samples due to wider scribe lines
Y-dimension
1560
1585
BondPad Size
(X & Y)
79.5
80
Passivation window opening
—effective area for bond
connection
60
60
Valid only for two special pads: VDD2 and EOC2 being
shorted with VDD and EOC, respectively
Minimum pitch for
application relevant
pads
200
-
Center-to-center distance; there are additional pads, which
are only for ZMDI’s test purposes
Die size adder
beyond seal ring
0
40
Potentially remaining silicon after die sawing
Sawing lane
80
-
Die to die distance
Table 4.2
Pin Assignments
Name
Direction
Type
Description
VDD1
IN
Supply
IC positive supply voltage for the IC, regular bond pad
VDD2
IC positive supply voltage for the IC, special pad (electrically
connected to VDD1, also bondable)
VSS
IN
Supply
Ground reference voltage signal
VSSB
OUT
Analog
Negative bridge supply (bridge sensor ground)
VDDB
OUT
Analog
Positive bridge supply
INP
IN
Analog
Positive bridge signal
INN
IN
Analog
Negative bridge signal
EOC1
OUT
Digital
End of conversion, regular bond pad
EOC2
End of conversion, special pad (electrically connected to EOC1,
also bondable)
SEL
IN
Digital
I²C
™ or SPI interface select
SCLK/SCL
IN
Digital
Clock input for I²C
™/SPI
MOSI/SDA
IN/Out
Digital
Data input for SPI; data in/out for I²C
™
MISO
OUT
Digital
Data output for SPI
SS
IN
Digital
Slave select for SPI
ZMDI-test
-
-
do not connect to these pads
5
Quality and Reliability
The ZSSC3036 is available in standard and extended qualification IC versions. For the standard version
ZSSC3036CCxxx, all data specified parameters are guaranteed if not stated otherwise.
For the extended qualification version ZSSC3036CIxxx, there is also specific testing in order to sort for IC-specific
(HTOL-qualified) early failures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com