Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79761 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79761 Datasheet HTML 6Page - Advanced Micro Devices AM79761 Datasheet HTML 7Page - Advanced Micro Devices AM79761 Datasheet HTML 8Page - Advanced Micro Devices AM79761 Datasheet HTML 9Page - Advanced Micro Devices AM79761 Datasheet HTML 10Page - Advanced Micro Devices AM79761 Datasheet HTML 11Page - Advanced Micro Devices AM79761 Datasheet HTML 12Page - Advanced Micro Devices AM79761 Datasheet HTML 13Page - Advanced Micro Devices AM79761 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Am79761
PRELIMINARY
Word Alignment
The Am79761 device provides 7-bit comma character
recognition and data word alignment. Word synchroni-
zation is enabled by asserting EN_CDET HIGH. When
synchronization is enabled, the Am79761 device con-
stantly examines the serial data for the presence of the
Comma character. This pattern is 0011111XXX, where
the leading zero corresponds to the first bit received.
The comma sequence is not contained in any normal
8B/10B coded data character or pair of adjacent char-
acters. It occurs only within special characters, known
as K28.1, K28.5, and K28.7, which are defined specifi-
cally for synchronization purposes. Improper alignment
of the comma character is defined as any of the follow-
ing conditions:
1. The comma is not aligned within the 10-bit trans-
mission character such that TXD0...TXD6 =
“0011111.”
2. The comma straddles the boundary between two
10-bit transmission characters.
3. The comma is properly aligned but occurs in the re-
ceived character presented during the rising edge
of RCLK rather than RCLKN.
When EN_CDET is HIGH and an improperly aligned
comma is encountered, the internal data is shifted in
such a manner that the comma character is aligned
properly in RXD[0:9]. This results in proper character
and half-word alignment. When the parallel data
alignment changes in response to an improperly
aligned comma pattern, some data which would have
been presented on the parallel output port may be
lost. However, the synchronization character and
subsequent data will be output correctly and properly
aligned. When EN_CDET is LOW, the current align-
ment of the serial data is maintained indefinitely,
regardless of data pattern.
When encountering a comma character, COM_DET is
driven HIGH to inform the user that realignment of the
parallel data field may have occurred. The COM_DET
pulse is presented simultaneously with the comma char-
acter and has a duration equal to the data, or half of an
RCLK period. The COM_DET signal is timed such that it
can be captured by the adjoining protocol logic on the
rising edge of RCLKN. Functional waveforms for
synchronization are given in Figure 18 and Figure 19.
Figure 18 shows the case when a comma character is
detected and no phase adjustment is necessary. It illus-
trates the position of the COM_DET pulse in relation to
the comma character on RXD[0:9]. Figure 19 shows the
case where K28.5 is detected, but it is out of phase and
a change in the output data alignment is required. Note
that up to three characters prior to the comma character
may be corrupted by the realignment process.
Figure 18.
Detection of a Properly Aligned Comma Character
RCLK
RCLKN
COM_DET
RXD[0:9]
K28.5
TChar
TChar
TChar
21560A-4
Note : TChar = 10-bit Transmission Character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com