Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79761 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79761 Datasheet HTML 12Page - Advanced Micro Devices AM79761 Datasheet HTML 13Page - Advanced Micro Devices AM79761 Datasheet HTML 14Page - Advanced Micro Devices AM79761 Datasheet HTML 15Page - Advanced Micro Devices AM79761 Datasheet HTML 16Page - Advanced Micro Devices AM79761 Datasheet HTML 17Page - Advanced Micro Devices AM79761 Datasheet HTML 18Page - Advanced Micro Devices AM79761 Datasheet HTML 19Page - Advanced Micro Devices AM79761 Datasheet HTML 20Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Am79761
PRELIMINARY
REFERENCE CLOCK REQUIREMENTS
Figure 23.
REFCLK Timing Waveform
Table 23.
Reference Clock Requirements
Symbol
Parameter Description
Test Conditions
Min
Max
Units
FR
Frequency Range
Range over which both transmit and
receive reference clocks on any link may be
centered
123
127
MHz
FO
Frequency Offset
Maximum frequency offset between
transmit and receive reference clocks on
one link
-200
200
ppm
DC
REFCLK duty cycle
Measured at 1.5 V
30
70
%
TRCR,TRCF
REFCLK rise and fall time
Between VIL(MAX) and VIH(MIN)
—
1.0
ns
REFCLK
TL
TH
Vih (min)
Vil (max)
21560A-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com