Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79761 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79761
Description  Physical Layer 10-Bit Transceiver for Gigabit Ethernet (GigaPHY??SD)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79761 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79761 Datasheet HTML 12Page - Advanced Micro Devices AM79761 Datasheet HTML 13Page - Advanced Micro Devices AM79761 Datasheet HTML 14Page - Advanced Micro Devices AM79761 Datasheet HTML 15Page - Advanced Micro Devices AM79761 Datasheet HTML 16Page - Advanced Micro Devices AM79761 Datasheet HTML 17Page - Advanced Micro Devices AM79761 Datasheet HTML 18Page - Advanced Micro Devices AM79761 Datasheet HTML 19Page - Advanced Micro Devices AM79761 Datasheet HTML 20Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Am79761
PRELIMINARY
MEASUREMENTS (Continued)
Figure 25.
Transmitter Jitter Measurement Method
BERT
Pattern
Generator
CLK = 1.25 GHz
DATA = 00000 0000011111 11111
DATA
PAT SYNC
Am79761
TXD[0:9]
REFCLK
TX+
TX-
Digitizing
Scope
Trigger
1.25 Gbps
Single-Ended Measurement
125 MHz
125 MHz
TRIGGER
DATA
2 bit time
7 bit time
8 bit time
9 bit time
12 bit time
17 bit time
19 bit time
20 bit time
18 bit time
10 bit time
BERT
Pattern
Generator
CLK = 1.25 GHz
DATA = 00000 0000011111 11111
DATA
DATA
Am79761
TXD[0:9]
REFCLK
TX+
TX-
Digitizing
Scope
Trigger
1.25 Gbps
Single-Ended Measurement
125 MHz
125 MHz
RJ
-K28.7
0011111000
Random Jitter Measurement
Random jitter (RJ) measurements performed according to Fibre Channel 4.3 Annex A, Test Methods, Section
A.4.4. Measure standard deviation of all 50% crossing points. Peak to peak RJ is
±7 sigma of distribution.
Deterministic Jitter Measurement
Deterministic jitter (DJ) measurements
performed according to Fibre Channel
4.3 Annex A, Test Methods, Section A.4.3.
Measure time of all the 50% points of
all ten transitions. DJ is the range of
the timing variation from expected.
-K28.7
0011111000
DJ
-K28.5
0011111010
K28.5
1100000101
21560A-11
Transmitter Output Jitter Allocation
Trj
Serial data output random jitter
(RMS)
RMS, tested on a sample basis
(refer to Figure 8)
—20
ps
TDJ
Serial data output deterministic
jitter (p-p)
Peak to peak, tested on a sample
basis (refer to Figure 8)
—
100
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com