Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C100 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM79C100
Description  Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C100 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM79C100 Datasheet HTML 1Page - Advanced Micro Devices AM79C100 Datasheet HTML 2Page - Advanced Micro Devices AM79C100 Datasheet HTML 3Page - Advanced Micro Devices AM79C100 Datasheet HTML 4Page - Advanced Micro Devices AM79C100 Datasheet HTML 5Page - Advanced Micro Devices AM79C100 Datasheet HTML 6Page - Advanced Micro Devices AM79C100 Datasheet HTML 7Page - Advanced Micro Devices AM79C100 Datasheet HTML 8Page - Advanced Micro Devices AM79C100 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Am79C100
5
PIN DESCRIPTION
AV
DD
Analog Power
This pin supplies +5 V to analog portions of the TPEX
Plus circuitry.
AV
SS
Analog Ground
This pin is the ground reference for analog portions of
TPEX Plus circuitry.
CI+, CI–
Control In
Output
AUI port differential driver.
COL
Collision
Output, Open Drain
This pin is driven LOW while the TPEX Plus is simulta-
neously receiving data on the AUI DO pins and the
twisted-pair RXD pins, indicating that a collision condi-
tion exists. It is also driven if TPEX Plus enters the jab-
ber condition due to excessive length of activity on the
DO pair. In this case TPEX Plus will wait for a period of
inactivity on DO for the “unjab” time of 250 to 750 ms,
before the 10 MHz pattern on the CI pair is removed
and COL returns inactive. COL will not be driven during
SQE Test activity on the AUI CI pair. In the LOW output
state, the pin is capable of sinking a maximum of 12 mA
and can be used to drive an LED. The COL output is
pulse stretched for 20 to 62 ms after the end of colli-
sion, to ensure LED visibility.
DI+, DI–
Data In
Output
AUI port differential driver.
DO+, DO–
Data Out
Input
AUI port differential receiver.
DV
DD
Digital Power
This pin supplies +5 V to digital portions of the TPEX
Plus circuitry, including all transmit drivers.
DV
SS
Digital Ground
Two pins provide the ground reference for digital por-
tions of TPEX Plus circuitry, including all transmit
drivers and the status indication LED drivers.
LNKST
Link Status
Input/Output, Open Drain
When this pin is tied LOW, the internal Link Test Re-
ceive function is disabled, and the Transmit and
Receive functions will remain active regardless of arriv-
ing idle link pulses and data. TPEX Plus continues to
generate idle link pulses irrespective of the status of
this pin.
As an output, this pin is driven LOW if the link is identi-
fied as functional. However, if the link is determined to
be nonfunctional due to missing idle link pulses or data
packets, then this pin is not driven (internally pulled
HIGH). In the LOW output state, the pin is capable of
sinking a maximum of 12 mA and can be used to drive
an LED.
In the absence of an external drive, the pin is internally
pulled HIGH when inactive.
LRT
Low Receive Threshold
Input, Active LOW
When this pin is tied LOW, the internal twisted-pair re-
ceive thresholds are reduced by 4.5 dB from their orig-
inal values (approximately 3/5 of the normal 10BASE-T
value). With LRT in the HIGH state, the unsquelch
threshold for the RXD
± circuit will be 300 mV to 520 mV
peak. With LRT in the LOW state, the unsquelch
threshold for the RXD
± circuit will be 180 mV to 312 mV
peak. In either case, the RXD
± circuit post unsquelch
threshold will be approximately one-half of the initial
unsquelch threshold.
PRDN/RST
Power Down/Reset
Input, Active LOW
Driving this input LOW resets the internal logic of TPEX
Plus and places the device in a special Power Down
mode. In the Power Down/Reset mode, all output driv-
ers are placed in their inactive state.
REXT
External Resistor
Input
An external precision resistor is connected between
this pin and AV
DD in order to provide a current refer-
ence for the internal voltage-controlled oscillator
(VCO).
RCV
Receive
Output, Open Drain
This pin is driven LOW while TPEX Plus is receiving
data on the twisted-pair RXD pins and is transferring
the received signal onto the AUI DI pair. The output is
LOW during collision simultaneously with the COL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com