Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C100 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C100
Description  Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C100 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C100 Datasheet HTML 1Page - Advanced Micro Devices AM79C100 Datasheet HTML 2Page - Advanced Micro Devices AM79C100 Datasheet HTML 3Page - Advanced Micro Devices AM79C100 Datasheet HTML 4Page - Advanced Micro Devices AM79C100 Datasheet HTML 5Page - Advanced Micro Devices AM79C100 Datasheet HTML 6Page - Advanced Micro Devices AM79C100 Datasheet HTML 7Page - Advanced Micro Devices AM79C100 Datasheet HTML 8Page - Advanced Micro Devices AM79C100 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FINAL
Publication# 16511
Rev: B Amendment/0
Issue Date: May 1994
1
Am79C100
Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)
DISTINCTIVE CHARACTERISTICS
s CMOS device provides IEEE 802.3-compliant
operation and low operating current from a
single +5 V supply
s Power Down mode for reduced power
consumption in battery-powered applications
s Automatic twisted-pair link integrity
s Pin-selectable twisted-pair receive polarity
detection and automatic inversion of the receive
signal. Polarity indication output pin can
directly drive an LED.
s Pin-selectable twisted-pair link integrity test
capability conforming to the IEEE 802.3
standard. Link status pin can directly drive
an LED.
s Transmit, receive, and collision status
indications available on separate, dedicated
pins
s Outputs can directly drive LEDs with pulses
stretched to ensure LED visibility
s Internal twisted-pair transmitter digital
predistortion circuit to reduce medium-induced
jitter
s Pin-selectable SQE Test (heartbeat) enable
s AUI loopback, Jabber Control, and SQE Test
functions comply with the 10BASE-T standard
s User-selectable loopback operations
s Pin-selectable twisted-pair receive threshold
programming for extended distance line lengths
GENERAL DESCRIPTION
The Am79C100 Twisted-Pair Ethernet Transceiver Plus
(TPEX Plus) is an integrated circuit that implements the
medium attachment unit (MAU) functions for the
twisted-pair medium, as specified by the supplement to
the IEEE 802.3 standard (Type 10BASE-T). This de-
vice provides the necessary electrical and functional
interface between the IEEE 802.3 standard attachment
unit interface (AUI) and the twisted-pair cable.
A network based on the 10BASE-T standard can use
unshielded twisted-pair cables, providing an economi-
cal solution to networking by allowing the use of existing
telephone wiring. The Am79C100 provides a minimal
component count and a cost-effective solution to the
design and implementation of 10BASE-T standard
networks.
TPEX Plus provides twisted-pair driver and receiver cir-
cuits, including on-board transmit digital predistortion,
receiver squelch, and an AUI port with pin-selectable
SQE Test enable. The device provides a number of ad-
ditional features, including Link Status indication with
automatic twisted-pair receive polarity detection/
correction and indication; pin-selectable receive
threshold programming for extended distance line
lengths; and Receive Carrier Sense, Transmit Active
and Collision Present indications. The device provides
separate twisted-pair Link Status, Polarity Status,
Receive, Transmit, and Collision outputs to drive LEDs
directly.


Similar Part No. - AM79C100

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C100 PULSE-AM79C100 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - AM79C100

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C98 AMD-AM79C98 Datasheet
213Kb / 22P
Twisted-Pair Ethernet Transceiver (TPEX)
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
Dual Complementary Pair plus Inverter
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
Ethernet Twisted-Pair Media Attachment Unit
LXT906 LVL1-LXT906 Datasheet
750Kb / 10P
Ethernet Twisted-Pair/Coax Adapter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
Dual Complementary Pair Plus Inverter
logo
ON Semiconductor
NCN51206GEVB ONSEMI-NCN51206GEVB Datasheet
460Kb / 55P
Transceiver for KNX Twisted Pair Networks
October, 2015 ??Rev. 6
logo
Wurth Elektronik GmbH &...
750316334 WURTH-750316334 Datasheet
563Kb / 7P
WE-PoE Power over Ethernet Plus Plus Transformer
002.001
750316335 WURTH-750316335 Datasheet
563Kb / 7P
WE-PoE Power over Ethernet Plus Plus Transformer
002.001
750316336 WURTH-750316336 Datasheet
563Kb / 7P
WE-PoE Power over Ethernet Plus Plus Transformer
002.001
750318938 WURTH-750318938 Datasheet
552Kb / 7P
WE-PoE Power over Ethernet Plus Plus Transformer
001.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com