Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C100 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79C100
Description  Twisted-Pair Ethernet Transceiver Plus (TPEX Plus)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C100 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79C100 Datasheet HTML 2Page - Advanced Micro Devices AM79C100 Datasheet HTML 3Page - Advanced Micro Devices AM79C100 Datasheet HTML 4Page - Advanced Micro Devices AM79C100 Datasheet HTML 5Page - Advanced Micro Devices AM79C100 Datasheet HTML 6Page - Advanced Micro Devices AM79C100 Datasheet HTML 7Page - Advanced Micro Devices AM79C100 Datasheet HTML 8Page - Advanced Micro Devices AM79C100 Datasheet HTML 9Page - Advanced Micro Devices AM79C100 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Am79C100
In the LOW output state, the pin is capable of sinking a
maximum of 12 mA and can be used to drive an LED.
The RCV output is pulse stretched for 20 ms to 62 ms
after the end of reception, to ensure LED visibility.
RXD+, RXD–
Receive Data
Input
10BASE-T port differential receiver.
RXPOL
Receive Polarity
Input/Output, Open Drain
The twisted-pair receiver is capable of detecting a re-
ceive signal with reversed polarity (wiring error). The
RXPOL pin is normally in the LOW state, indicating cor-
rect polarity of the received signal. If the receiver de-
tects a received packet with reversed polarity, then this
pin is not driven (goes HIGH) and the polarity of subse-
quent packets is inverted. In the LOW output state, this
pin can sink up to a maximum of 12 mA and is therefore
capable of driving an LED.
This feature can be disabled by strapping this pin LOW.
In this case, the Receive Polarity correction circuit is
disabled and the internal Receive Signal remains non-
inverted, irrespective of the received signal.
In the absence of an external drive, the pin is internally
pulled HIGH when inactive.
SQE TEST
Signal Quality Test (Heartbeat) Enable
Input, Active LOW
The SQE Test function is enabled by tying this input
LOW. When enabled, TPEX Plus will send a 10 MHz
burst (heartbeat) on the CI
± lines after DO± has be-
come inactive, indicating integrity of the collision detec-
tion and AUI circuitry. SQE TEST should be disabled for
repeater applications.
In the absence of an external drive, the pin is internally
pulled HIGH when inactive.
TEST1
Test
Input, Active HIGH
This pin should be tied LOW for normal operation.
TEST1 permits system-level diagnostics to be per-
formed. If TEST1 is driven HIGH (while TEST2 is main-
tained HIGH), TPEX Plus will enter the Loopback Test
mode. The type of loopback is determined by the state
of the SQE TEST pin. If SQE TEST is in the LOW state
(Station MAU), TPEX Plus transfers data indepen-
dently from DO to the TXD/TXP circuits and from RXD
to the DI circuit. If the SQE TEST is in the HIGH state
(Repeater MAU), then data on the RXD circuit is trans-
mitted back onto the TXD/TXP circuits and data on the
DO circuit is transmitted onto the DI pair.
During either test mode, the Collision Detection and
SQE Test functions are disabled, and CI
± will remain
idle. Link beat pulses will continue to be generated nor-
mally in the absence of TXD/TXP output activity, and
the Link Test Receive State Machine will be forced into
the Link Pass state. The COL pin will be driven LOW
whenever a link beat pulse or transmit data activity
commences, and remain low during the output activity.
The receive squelch will continue to operate on both
the RXD
± and DO± input circuits.
In the absence of an external drive, the pin is internally
pulled LOW.
TEST2
Test
Input, Active LOW
This pin should be tied HIGH for normal operation.
TEST2 is reserved for factory testing, and should be
permanently tied HIGH.
In the absence of an external drive, the pin is internally
pulled HIGH.
TXD+, TXD–
Transmit Data
Output
10BASE-T port differential drivers.
TXP+, TXP–
Transmit Predistortion
Output
Transmit waveform differential driver for predistortion.
XMT
Transmit
Output, Open Drain
This pin is driven LOW while TPEX Plus is receiving
data on the AUI DO pair and is transmitting data on the
TXD/TXP pins. The output is LOW during collision si-
multaneously with the COL pin. In the LOW output
state, the pin is capable of sinking a maximum of 12 mA
and can be used to drive an LED. The XMT output is
pulse stretched for 20 to 62 ms after the end of trans-
mission, to ensure LED visibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com