Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C873 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C873
Description  NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C873 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C873 Datasheet HTML 34Page - Advanced Micro Devices AM79C873 Datasheet HTML 35Page - Advanced Micro Devices AM79C873 Datasheet HTML 36Page - Advanced Micro Devices AM79C873 Datasheet HTML 37Page - Advanced Micro Devices AM79C873 Datasheet HTML 38Page - Advanced Micro Devices AM79C873 Datasheet HTML 39Page - Advanced Micro Devices AM79C873 Datasheet HTML 40Page - Advanced Micro Devices AM79C873 Datasheet HTML 41Page - Advanced Micro Devices AM79C873 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
38
Am79C873
PRELIMINARY
10BASE-T SQE (Heartbeat) Timing
Figure 12.
10BASE-T SQE (Heartbeat) Timing Diagram
10BASE-T SQE (Heartbeat) Timing Parameters
10BASE-T Jab and Unjab Timing
Figure 13.
10BASE-T Jab and Unjab Timing Diagram
10BASE-T Jab and Unjab Timing Parameters
TX_CLK
TX_EN
COL
t2
t1
22164A-14
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
t1
COL (SQE) Delay After TX_EN Off
0.65
1.3
1.6
ms
t2
COL (SQE) Pulse Duration
0.5
1.1
1.5
ms
TX_EN
t1
t2
TDX
COL
22164A-15
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
t1
Maximum Transmit Time
20
48
150
ms
t2
Unjab Time
250
505
1500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com