Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79C975 Datasheet(PDF) 229 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 229 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 225Page - Advanced Micro Devices AM79C975 Datasheet HTML 226Page - Advanced Micro Devices AM79C975 Datasheet HTML 227Page - Advanced Micro Devices AM79C975 Datasheet HTML 228Page - Advanced Micro Devices AM79C975 Datasheet HTML 229Page - Advanced Micro Devices AM79C975 Datasheet HTML 230Page - Advanced Micro Devices AM79C975 Datasheet HTML 231Page - Advanced Micro Devices AM79C975 Datasheet HTML 232Page - Advanced Micro Devices AM79C975 Datasheet HTML 233Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 304 page
background image
Am79C973/Am79C975
229
P R E L I M INARY
SWITCHING CHARACTERISTICS: EXTERNAL ADDRESS DETECTION
INTERFACE
Note:
1. May need to delay RX_CLK to capture Start Frame Byte Delimiter (SFBD) at 100 Mbps operation. Analog I/O - MLT-3 Mode
Analog I/O - MLT-3 Mode
10BASE-T Mode
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
External Address Detection Interface: Internal PHY @ 25 MHz
tEAD7
SFBD change to
↓ RX_CLK
0
20 (Note 1) ns
tEAD8
EAR deassertion to
↑ RX_CLK (first
rising edge)
40
ns
tEAD9
EAR assertion after SFD event
(frame rejection)
0
5,080
ns
tEAD10
EAR assertion width
50
ns
External Address Detection Interface: Internal PHY @ 2.5 MHz
tEAD11
EAR deassertion to
↑ RX_CLK (first
rising edge)
400
ns
tEAD12
EAR assertion after SFD event
(frame rejection)
0
50,800
ns
tEAD13
EAR assertion width
500
ns
Receive Frame Tag Timing with Media Independent Interface
tEAD14
RXFRTGE assertion to
↑SF/BD (first
rising edge)
0
ns
tEAD15
RXFRTGE, RXFRTGD setup to
↑
RX_CLK
10
ns
tEAD16
RXFRTGE, RXFRTGD hold to
↑
RX_CLK
10
ns
tEAD17
RXFRTGE deassertion to
↓ RX_DV
RX_CLK @25 MHz
RX_CLK @2.5 MHz
40
400
ns
ns
Symbol
Parameter Description
Test Conditions
Minimum
Maximum
Unit
VTXD
Output Peak Voltage
950
1050
mV
VSDA
Input Differential Assert
Threshold (peak to peak)
--
1,000
mV
VSDD
Input Differential Deassert
Threshold (peak to peak)
200
--
mV
IIX
Input Leakage Current
-10
10
µA
Symbol
Parameter Description
Test Conditions
Minimum
Maximum
Unit
VOUT
Output Voltage on TX± (peak)
1.55
1.98
V
VDIFF
Input Differential Squelch
Assert on RX± (peak)
300
520
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com