| Electronic Components Datasheet Search |
|
AM79C975 Datasheet(PDF) 41 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C975 Datasheet(HTML) 41 Page - Advanced Micro Devices |
|
41 / 304 page ![]() Am79C973/Am79C975 41 P R E L I M INARY Am79C973/Am79C975 controllers assert DEVSEL if it detects an address match and the access is a memory cycle. DEVSEL is asserted two clock cycles after the host has asserted FRAME. See Figure 1 and Figure 2. Figure 1. Slave Configuration Read The Am79C973/Am79C975 controllers will not assert DEVSEL if it detects an address match and the PCI command is not of the correct type. In memory mapped I/O mode, the Am79C973/Am79C975 controller aliases all accesses to the I/O resources of the command types Memory Read Multiple and Memory Read Line to the basic Memory Read command. All accesses of the type Memory Write and Invalidate are aliased to the basic Memory Write command. Eight-bit, 16-bit, and 32-bit non-burst transactions are supported. The Am79C973/ Am79C975 controllers decode all 32 address lines to determine which I/O resource is accessed. The typical number of wait states added to a slave I/O or memory mapped I/O read or write access on the part of the Am79C973/Am79C975 controllers are six to sev- en clock cycles, depending upon the relative phases of the internal Buffer Management Unit clock and the CLK signal, since the internal Buffer Management Unit clock is a divide-by-two version of the CLK signal. The Am79C973/Am79C975 controllers do not support burst transfers for access to its I/O resources. When the host keeps FRAME asserted for a second data phase, the Am79C973/Am79C975 controllers will disconnect the transfer. Figure 2. Slave Configuration Write The Am79C973/Am79C975 controllers support fast back-to-back transactions to different targets. This is indicated by the Fast Back-To-Back Capable bit (PCI Status register, bit 7), which is hardwired to 1. The Am79C973/Am79C975 controllers are capable of de- tecting an I/O or a memory-mapped I/O cycle even when its address phase immediately follows the data phase of a transaction to a different target, without any idle state in-between. There will be no contention on the DEVSEL, TRDY, and STOP signals, since the Am79C973/Am79C975 controllers assert DEVSEL on the second clock after FRAME is asserted (medium tim- ing) See Figure 3 and Figure 4. 6 FRAME CLK AD IRDY TRDY C/BE DEVSEL STOP IDSEL 1 23456 1010 PAR PAR PAR DEVSEL is sampled BE DATA ADDR 7 21510D-6 FRAME CLK AD IRDY TRDY C/BE DEVSEL STOP IDSEL 1 23456 1011 PAR PAR PAR BE DATA ADDR 21510D-7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |